Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADL5500 Datasheet(Fiches technique) 6 Page - Analog Devices

Numéro de pièce ADL5500
Description  100 MHz to 6 GHz TruPwr Detector
Télécharger  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 6 page
background image
ADL5500
Rev. A | Page 6 of 24
Parameter
Condition
Min
Typ
Max
Unit
RMS CONVERSION (f = 3900 MHz)
Input RFIN to output VRMS
Input Impedance
30||0.6
Ω||pF
Input Return Loss
9
dB
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.1 dB Error2
Delta from 25°C, VS = 5 V
2
dB
±0.25 dB Error3
VS = 3 V
5.5
dB
VS = 5 V
8
dB
±1 dB Error3
VS = 3 V
28.5
dB
VS = 5 V
32
dB
±2 dB Error3
VS = 3 V
34
dB
VS = 5 V
36.5
dB
Maximum Input Level
±0.25 dB error3
12
dBm
Minimum Input Level
±1 dB error3
−17
dBm
Conversion Gain
VOUT = (Gain × VIN) + Intercept
3.2
V/V rms
Output Intercept4
0.02
V
Output Voltage—High Power In
PIN = +5 dBm, 400 mV rms
1.28
V
Output Voltage—Low Power In
PIN = –21 dBm, 20 mV rms
0.08
V
Temperature Sensitivity
PIN = –5 dBm
25°C
≤ T
A
≤ 85°C
0.0035
dB/°C
−40°C
≤ T
A
≤ +25°C
−0.0066
dB/°C
OUTPUT OFFSET
No signal at RFIN
40
150
mV
POWER SUPPLIES
Operating Range
−40°C < TA < +85°C
2.7
5.5
V
Quiescent Current
No signal at RFIN5
1.0
mA
1 The available output swing, and hence the dynamic range, is altered by the supply voltage; see Figure 8.
2 Error referred to delta from 25°C response; see Figure 16 through Figure 21.
3 Error referred to best-fit line at 25°C
4 Calculated using linear regression.
5 Supply current is input level dependant; see Figure 6.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADL550150 MHz to 4 GHz TruPwr Detector 1 2 3 4 5 MoreAnalog Devices
AD8312100 MHz-2.7 GHz 45 dB RF Log Detector 1 2 3 4 5 MoreAnalog Devices
AD83181 MHz - 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
CGY40GaAs MMIC Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz 1 2 3 4 5 Siemens Semiconductor Group
MRF275G150 W 28 V 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET 1 2 3 4 5 MoreMotorola, Inc
PCK2023CK408 66/100/133/200 MHz spread spectrum differential system clock generator 1 2 3 4 5 MoreNXP Semiconductors
AD8314100 MHz-2500 MHz 45 dB RF Detector/Controller 1 2 3 4 5 MoreAnalog Devices
EL2120C100 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
A36-1100 TO 2300 MHz CASCADABLE AMPLIFIER 1 Tyco Electronics
UF28150JPOWER MOSFET TRANSISTOR 150 WATTS 100 - 500 MHz 28 V 1 2 3 Tyco Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl