Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7622 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7622
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7622 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7622 Datasheet HTML 7Page - Analog Devices AD7622 Datasheet HTML 8Page - Analog Devices AD7622 Datasheet HTML 9Page - Analog Devices AD7622 Datasheet HTML 10Page - Analog Devices AD7622 Datasheet HTML 11Page - Analog Devices AD7622 Datasheet HTML 12Page - Analog Devices AD7622 Datasheet HTML 13Page - Analog Devices AD7622 Datasheet HTML 14Page - Analog Devices AD7622 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7612
Rev. 0 | Page 11 of 32
Pin No.
Mnemonic
Type1
Description
43
IN+
AI
Analog Input. Referenced to IN−.
45
TEMP
AO
Temperature Sensor Analog Output.
46
REFBUFIN
AI
Reference Buffer Input. When using an external reference with the internal reference buffer (PDBUF =
low, PDREF = high), applying 2.5 V on this pin produces 5 V on the REF pin. See the Voltage Reference
Input section.
47
PDREF
DI
Internal Reference Power-Down Input.
When low, the internal reference is enabled.
When high, the internal reference is powered down, and an external reference must be used.
48
PDBUF
DI
Internal Reference Buffer Power-Down Input.
When low, the buffer is enabled (must be low when using internal reference).
When high, the buffer is powered-down.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.
2 In serial configuration mode (SER/PAR = high, HW/SW = low), this input is programmed with the serial configuration register and this pin is a don’t care. See the
Hardware Configuration section and Software Configuration section.


Numéro de pièce similaire - AD7622

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7622 AD-AD7622 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7622 AD-AD7622 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7622 AD-AD7622 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7622 AD-AD7622 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7622 AD-AD7622 Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
More results

Description similaire - AD7622

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com