Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9389 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9389
Description  800 MHz High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9389 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9389 Datasheet HTML 5Page - Analog Devices AD9389 Datasheet HTML 6Page - Analog Devices AD9389 Datasheet HTML 7Page - Analog Devices AD9389 Datasheet HTML 8Page - Analog Devices AD9389 Datasheet HTML 9Page - Analog Devices AD9389 Datasheet HTML 10Page - Analog Devices AD9389 Datasheet HTML 11Page - Analog Devices AD9389 Datasheet HTML 12Page - Analog Devices AD9389 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
AD9389
Rev. 0 | Page 9 of 48
DESIGN GUIDE
GENERAL DESCRIPTION
The AD9389 HDMI transmitter provides a high bandwidth digital
content protected (HDCP) digital link between a wide range of
digital input formats—both audio and video (see Table 8) and
output formats (see Table 9). Video and audio data are captured
and prepared for transmission while two separate I2C buses (one of
which is a master) are used to program and provide content
protection for the data to be transmitted.
VIDEO DATA CAPTURE
The AD9389 can accept video data from as few as eight pins
(YCbCr DDR) representing 8-bit data or as many as 24 pins
representing 12-bit data. The AD9389 is capable of detecting
all of the 34 video formats defined in the EIA/CEA-861B
specification. If video ID (VID) 32, 33, or 34 is present, the user
needs to set Register 0x15[0] to 0b1, as these modes have VREF
frequencies of 30 Hz or less. The user can read the detected
video format at 0x3E[7:2]. Formats outside the EIA/CEA-861B
specification can be read in 0x3F[7:5]. Detailed line count
differences for 240p and 288p modes can be read from
0x3F[4:3]. In order to distinguish between an aspect ratio of 4:3
and one of 16:9, 0x17[1] should be set accordingly.
Table 8. Input Formats Supported
No. of Bits
Input Format
12
RGB (DDR)
12
YCbCr 4:4:4 (DDR)
24
RGB 4:4:4
24
YCbCr 4:4:4
16
YCbCr 4:2:2 (ITU.601)
20
YCbCr 4:2:2 (ITU.601)
24
YCbCr 4:2:2 (ITU.601)
8
YCbCr (DDR)
10
YCbCr (DDR)
12
YCbCr (DDR)
8
YCbCr 4:2:2 (ITU.656)
10
YCbCr 4:2:2 (ITU.656)
12
YCbCr 4:2:2 (ITU.656)
Table 9. Output Formats Supported
No. of Bits
Output Format
24
RGB 4:4:4
24
YCbCr 4:4:4
16
YCbCr 4:2:2
20
YCbCr 4:2:2
24
YCbCr 4:2:2
INPUT FORMATS
tSETUP
tSETUP
tHOLD
tHOLD
tHOLD
INPUT DATA:
D(23:0), DE, SYNCS
INPUT CLOCK-
RISING EDGE
Figure 3. Timing for Data Input


Numéro de pièce similaire - AD9389

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389AKCPZ-80 AD-AD9389AKCPZ-80 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

Description similaire - AD9389

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com