Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD0603-S01575R Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CD0603-S01575R
Description  Switching Chip Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-S01575R Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CD0603-S01575R Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-S01575R Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-S01575R Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-S01575R Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-S01575R Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-S01575R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Switching Chip Diode Series - 0603 / 1005
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free as standard
RoHS compliant*
Leadless
High speed
Applications
Cellular phones
PDAs
Desktop PCs and notebooks
Digital cameras
MP3 players
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers small-signal high-speed Switching Diodes for switching digital signal applications, in compact chip package 0603 and 1005 size
format, which offer PCB real estate savings and are considerably smaller than competitive parts. The Switching Diodes offer a forward current
of 100 mA or 150 mA, a reverse voltage of 80 V or 75 V and also have a low leakage reverse current option. The diodes are lead-free with
Cu/Ni/Au plated terminations and are compatible with lead-free manufacturing processes, conforming to many industry and government
regulations on lead-free components.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes
roll away much more difficult.
Parameter
Symbol
CDxxxx-S0180
CDxxxx-S01575
CDxxxx-S0180R
Unit
Forward Voltage (Max.)
VF
1.00
1.00
1.00
V
(If = 100 mA)
(If = 50 mA)
(If = 100 mA)
Capacitance Between Terminals (Max.)
CT
4
pF
(f = 100 MHz, Vr = 1 V DC)
Reverse Recovery Time (Max.)
trr
4
nS
(Vr = 6V, If = 10 mA, RL = 50 Ω)
Reverse Current (Max.)
IR
0.1
2.5
0.05
µA
(Vr = 80 V)
(Vr = 75 V)
(Vr = 75 V)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CDxxxx-S0180
CDxxxx-S01575
CDxxxx-S0180R
Unit
Repetitive Peak Reverse Voltage
VRRM
90
100
90
V
Reverse Voltage
VR
80
75
80
V
Average Forward Current
Io
100
150
100
mA
Forward Current, Surge Peak
Isurge
1*
4**
1*
A
Power Dissipation - CD0603
PD
150
150
150
mW
Power Dissipation - CD1005
300
300
300
Storage Temperature
TSTG
-40 to +125
°C
Junction Temperature
TJ
-40 to +125
°C
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
* Condition: 8.3 ms single half sine-wave superimposed on rate load
(JEDEC method).
** Condition: 1.0 µs single half sine-wave superimposed on rate load
(JEDEC method).
How To Order
CD 0603 - S 01 80 R
Common Code
Chip Diode
Package
• 0603
• 1005
Model
S = High Speed Switching
Average Forward Current (Io) Code
01 = 100 mA
015 = 150 mA
(Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
80 = 80 V
75 = 75 V
Reverse Current Suffix
R = Low Leakage IR (CDxxxx-S0180R)


Numéro de pièce similaire - CD0603-S01575R

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
More results

Description similaire - CD0603-S01575R

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD1005-S01575 BOURNS-CD1005-S01575 Datasheet
282Kb / 6P
   Switching Chip Diode Series
CD0805-S0180R BOURNS-CD0805-S0180R Datasheet
297Kb / 6P
   Switching Chip Diode Series
CD0603-S01575 BOURNS-CD0603-S01575 Datasheet
260Kb / 4P
   Switching Chip Diode
logo
Central Semiconductor C...
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
   Switching Diode High Speed Switching Diode Chip
CPD91 CENTRAL-CPD91 Datasheet
30Kb / 1P
   Switching Diode Low Leakage Switching Diode Chip
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
   Switching Diode High Current Switching Diode Chip
CPD91V CENTRAL-CPD91V_10 Datasheet
825Kb / 2P
   Switching Diode Low Leakage Switching Diode Chip
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com