Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD1607-B120L Fiches technique(PDF) 4 Page - Bourns Electronic Solutions

No de pièce CD1607-B120L
Description  Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1607-B120L Fiches technique(HTML) 4 Page - Bourns Electronic Solutions

  CD1607-B120L Datasheet HTML 1Page - Bourns Electronic Solutions CD1607-B120L Datasheet HTML 2Page - Bourns Electronic Solutions CD1607-B120L Datasheet HTML 3Page - Bourns Electronic Solutions CD1607-B120L Datasheet HTML 4Page - Bourns Electronic Solutions CD1607-B120L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves: CD1607-B120L & CD1607-B140L
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
100
0.1
1
10
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
2.0
Forward Voltage (Volts)
1.2
CD1607-B120L
CD1607-B140L
100
0.1
1
10
0.01
0
20
40
60
80
100
140
160
180
200
Percent of Rated Peak Reverse Voltage (%)
120
Tj=25 °C
Tj=75 °C
1.25
1.00
0.75
0.50
0.25
0.00
20
40
60
80
100
120
140
160
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
1000
900
800
700
600
500
400
300
200
100
0
020
40
60
80
100
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Numéro de pièce similaire - CD1607-B120L

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD1607-B120LF BOURNS-CD1607-B120LF Datasheet
272Kb / 5P
   CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
CD1607-B120LLF BOURNS-CD1607-B120LLF Datasheet
272Kb / 5P
   CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
More results

Description similaire - CD1607-B120L

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com