Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM75225E Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce SM75225E
Description  T1/CEPT/ISDN-PRI Dual Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM75225E Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  SM75225E Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications @ 25 °C
Turns Ratio ±2 %
(1-2-3):(12-10)........................1.15 CT:1
Turns Ratio ±5 %
(4-5-6):(9-8-7) ......................1 CT:2 CT
Polarity ..1,2 & 12; 4,5,9 & 8 same phase
OCL (12-10) @ 10 kHz, 0.01 V
..........................................1.6 mH min.
OCL (4-6) @ 10 kHz, 0.1 V
..........................................1.6 mH min.
OCL (12-10) @ 10 kHz, 0.01 V, -40 °C
..........................................0.6 mH min.
OCL (4-6) @ 10 kHz, 0.01 V, -40 °C
..........................................0.6 mH min.
Le (12-10) @ 100 kHz, 0.1 V,
Short (1-2-3) ......................0.8 µH max.
Le (4-6) @ 100 kHz, 0.1 V,
Short (9-8-7) ......................0.8 µH max.
Cww (1-12) @ 100 kHz, 0.1 V
............................................60 pF max.
Cww (4-9) @ 100 kHz, 0.1 V
............................................50 pF max.
DCR (1-3) (Ω max.) ............................1.00
DCR (12-10) (Ω max.) ........................1.00
DCR (4-6) (Ω max.) ............................1.00
DCR (9-7) (Ω max.) ............................2.00
HIPOT (VAC) ....................................1500
*CT : center tap
SM75225 - T1/CEPT/ISDN-PRI Dual Transformers
Features
Compact surface mount packaging
Operating temperature -40 °C to +85 °C
PE68825 equivalent
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Telecom
Product Dimensions
Electrical Schematic
SM75225
DATECODE
12
1
Coplanarity:
8.63
(.340)
MAX.
2.54
(.100)
12.7
(.500)
17.14
(.675)
MAX.
.508
(.020)
TYP.
11.58
(.456)
MAX.
15.24
(.600)
MAX.
.254 - .508
(.010 - .020)
1.01 - 1.27
(.040 - .050)
.102
(.004)
NOTE: DIMENSIONS ARE EXCLUSIVE OF SOLDER
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCE: ±
0.25
(.010)
1
3
12
10
4
6
9
8
2Pri
Pri
1.15 CT : 1
1 CT : 2 CT
5
7
Packaging Specifications
Tape & Reel* ........................330 pcs./reel
*“E” suffix at end of part number
designates tape & reel packaging, e.g.
SM75225E.
SM75225
YYWW
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
03/05
How to Order
SM75225E __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Numéro de pièce similaire - SM75225E

FabricantNo de pièceFiches techniqueDescription
logo
Linkage Goston Electron...
SM7522 LINKAGE-SM7522 Datasheet
2Mb / 8P
   BUCK double application constant current drive chip
SM7522P LINKAGE-SM7522P Datasheet
2Mb / 8P
   HIgh-ElectronIc LED Constant stream drive chip
More results

Description similaire - SM75225E

FabricantNo de pièceFiches techniqueDescription
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com