Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3T-2403S-N Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM3T-2403S-N
Description  3 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-2403S-N Fiches technique(HTML) 3 Page - AIMTEC

  AM3T-2403S-N Datasheet HTML 1Page - AIMTEC AM3T-2403S-N Datasheet HTML 2Page - AIMTEC AM3T-2403S-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM3T-N Series
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM3T-0505D-N
AM3T-0509D-N
AM3T-0512D-N
AM3T-0515D-N
AM3T-1205D-N
AM3T-1209D-N
AM3T-1212D-N
AM3T-1215D-N
AM3T-2405D-N
AM3T-2409D-N
AM3T-2412D-N
AM3T-2415D-N
AM3T-4805D-N
AM3T-4809D-N
AM3T-4812D-N
AM3T-4815D-N
±5VDC
±9VDC
±12VDC
±15VDC
±5VDC
±9VDC
±12VDC
±15VDC
±5VDC
±9VDC
±12VDC
±15VDC
±5VDC
±9VDC
±12VDC
±15VDC
±300mA
±165mA
±125mA
±100mA
±300mA
±165mA
±125mA
±100mA
±300mA
±165mA
±125mA
±100mA
±300mA
±165mA
±125mA
±100mA
4.5-9VDC
9-18VDC
18-36VDC
36-72VDC
MODELS
Dual Output
APPLICATION NOTE
Recommended Circuit
All of our AM3T-N Series have been tested according to the following
recommended testing circuit before leaving our factory. This series should be
tested under load & never be tested under no load (See Figure 1).
If you want to further decrease the input/output ripple, you can increase
capacitance properly or choose capacitors with a low ESR. However, the
capacitance should not be too high.(See table 1).
Input Current
When it is used in an unregulated power supply, be sure that the fluctuating
range of the power supply and the rippled voltage do not exceed the module
standard. Input current of power supply should afford the startup current of
this kind of DC/DC module. (See figure 2)
External Capacitor
Although this series of DC/DC converters can work without an external
capacitor, it is highly recommended to use one in order to keep an optimum
performance. (See Table)
Requirement on Output Load
To ensure this module operate efficiently and reliably, a minimum load is
specified for this kind of DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the specified range of input
voltage is not exceeded, the minimum out put load is not less than 10% Of
the full load, and that this product should never be operated under no load!!!
If the actual load is less below the specified minimum load, the output ripple
of this type of DC/DC converter will increase drastically and at the same time
efficiency & reliability of the circuit will decrease deeply .If the actual output
power from the load in your circuit is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or
use our company’s other products with a lower rated output power.
External Capacitor Table - Dual
Vin
Cin
Cout
(-40+85°C)
5 & 12V
24 & 48V
100uF
22uF
100uF
(Electrolytic Capacitor)
47uF
(Tantalum Capacitor)
Cout
(0+70°C)
External Capacitor Table - Single
Vin
Cin
Cout
(-40+85°C)
5 & 12V
24 & 48V
100uF
10uF
100uF
(Electrolytic Capacitor)
47uF
(Tantalum Capacitor)
Cout
(0+70°C)
Figure 1 - Single Output
Figure 1 - Dual Output
Figure 2 - Single & Dual Outputs


Numéro de pièce similaire - AM3T-2403S-N

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3T-2403S-PNZ AIMTEC-AM3T-2403S-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM3T-2403S-RVZ AIMTEC-AM3T-2403S-RVZ Datasheet
477Kb / 6P
   3 Watt | DC-DC Converter
AM3T-2403S-RZ AIMTEC-AM3T-2403S-RZ Datasheet
278Kb / 4P
   3 Watt | DC-DC Converter
AM3T-2403S-RZ AIMTEC-AM3T-2403S-RZ Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM3T-2403S-RZ AIMTEC-AM3T-2403S-RZ Datasheet
278Kb / 4P
   3 Watt | DC-DC Converter
More results

Description similaire - AM3T-2403S-N

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com