Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1062ACP Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADM1062ACP
Description  Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1062ACP Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADM1062ACP Datasheet HTML 7Page - Analog Devices ADM1062ACP Datasheet HTML 8Page - Analog Devices ADM1062ACP Datasheet HTML 9Page - Analog Devices ADM1062ACP Datasheet HTML 10Page - Analog Devices ADM1062ACP Datasheet HTML 11Page - Analog Devices ADM1062ACP Datasheet HTML 12Page - Analog Devices ADM1062ACP Datasheet HTML 13Page - Analog Devices ADM1062ACP Datasheet HTML 14Page - Analog Devices ADM1062ACP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Preliminary Technical Data
ADM1062
Rev. PrJ | Page 11 of 32
Figure 11. IVH vs. VVH (Not Supply)
Figure 12. IVX1 vs. VVX1
Figure 13. Percentage Deviation in VTHRESH vs. Temperature
10
10.5
11
11.5
12
12.5
13
13.5
14
-40
-25
- 10
5
20
35
50
65
80
Te m p e r a t ur e (
o C)
1u A L OAD
0 u A L OAD
Figure 14. PDO Output (FET Drive Mode) vs. Temperature
0
0.5
1
1. 5
2
2.5
3
3.5
4
4.5
00 . 5
1
1. 5
2
I l oa d ( m A )
V VP 1 =3 . 3 V
V VP 1 =5 V
Figure 15. PDO Output (Strong Pull-up to VP1) vs. Load Curr.
0
0.5
1
1. 5
2
2.5
3
3.5
4
4.5
0
10
2 03 04
I l oa d ( u A )
0
V VP 1 =3 . 3 V
V VP 1 =5 V
Figure 16. PDO Output (Weak Pull-up to VP1) vs. Load Current


Numéro de pièce similaire - ADM1062ACP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1062ACPZ AD-ADM1062ACPZ Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results

Description similaire - ADM1062ACP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
REV. 0
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com