Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3TD-9868 Fiches technique(PDF) 2 Page - Dialight Corporation

No de pièce 3TD-9868
Description  3mm, Flat Top LED CBI Circuit Board Indicator In-line, 3 Leaded Bi-Color
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

3TD-9868 Fiches technique(HTML) 2 Page - Dialight Corporation

  3TD-9868 Datasheet HTML 1Page - Dialight Corporation 3TD-9868 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
4-69
3mm LED
Bi-Color
Non-Tinted, Diffused
3TD-9664, 3TD-986x, 3TF-9484
TYPE
COLOR
*3TD-9664
Red/Green
*3TD-9868
Red/Green
*3TD-9869
Yellow/Green
*3TF-9484
Red/Green
Red/Green
Red/Green
Yellow/Green
Red/Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9664
-9868
-9869
-9484
Power Dissipation (mW)
75/75
100/100
60/100
75/75
Forward Current (mA)
30/30
20/30
30/30
Derating (mW/°C) From 25°C
*Derating (mA/ °C) From 50°C
.85/.85
.4*/.4*
.25*/.4*
.33*/.67*
Peak Current (mA)
100/100
30/30
80/120
100/100
Pulse width 10µs
Operating Temperature (°C)
-30/+85
-55/+100
-55/+100
-30/+85
Storage Temperature (°C)
-30/+100
-55/+100
-55/+100
-30/+100
Soldering Temperature
260°C, 6 seconds, 1.6 mm from case (9484 only)
260°C, 5 seconds, 1.6 mm from case (except 9484)
Red/Green
Red/Green
Yellow/Green
Red/Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9664
-9868
-9869
-9484
Luminous Intensity (mcd)
Min.
4/6
2.5*/3.7*
2.5*/2.5*
2/2
IF=20mA *IF=10mA
Typical
8/12
4.7*/10*
4.3*/6.3*
4/4
Peak Wavelength (nm)
Typical
630/560
635/565
585/565
630/560
λ Peak
Viewing Angle (2
Θ½)
Typical
80°
60°/60°
80°/80°
Forward Voltage (V)
Typical
2/2.1
2/2.1
2.1/2.1
2/2.1
IF=20mA
Max.
2.5/2.5
2.8/2.8
2.8/2.8
2.5/2.5
Reverse Voltage (V)
IR=100µA
Min.
5
5
5
5
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Description similaire - 3TD-9868

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
550-3X09 DIALIGHT-550-3X09 Datasheet
30Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
550-3X05 DIALIGHT-550-3X05 Datasheet
31Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
P-tec Corporation
PL82-WDRG2115-LF254 P-TEC-PL82-WDRG2115-LF254 Datasheet
30Kb / 1P
   3mm 3 Leaded Bi-Color LED
PL82-WDRG2115 P-TEC-PL82-WDRG2115 Datasheet
35Kb / 1P
   3mm 3 Leaded Bi-Color LED
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com