Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAQ800 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAQ800
Description  AM PIN diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAQ800 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAQ800 Datasheet HTML 1Page - NXP Semiconductors BAQ800 Datasheet HTML 2Page - NXP Semiconductors BAQ800 Datasheet HTML 3Page - NXP Semiconductors BAQ800 Datasheet HTML 4Page - NXP Semiconductors BAQ800 Datasheet HTML 5Page - NXP Semiconductors BAQ800 Datasheet HTML 6Page - NXP Semiconductors BAQ800 Datasheet HTML 7Page - NXP Semiconductors BAQ800 Datasheet HTML 8Page - NXP Semiconductors BAQ800 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Aug 26
3
Philips Semiconductors
Product specification
AM PIN diode
BAQ800
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified; all characteristics must be tested in the dark because of the light sensitivity
of this product.
THERMAL CHARACTERISTICS
All characteristics must be tested in the dark because of the light sensitivity of this product.
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.17.
For more information please refer to the
“General Part of Handbook SC01”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; see Figs 4 and 5
0.9
1.1
V
IF = 100 mA; Tj =Tj max;
see Figs 4 and 5
0.7
0.9
V
IR
reverse current
VR = 100 V; see Fig.14
−−
0.1
µA
VR = 100 V; Tj = 125 °C; see Fig.14
−−
30
µA
τ
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; measured at 10% of IR;
see Fig.15
10
20
−µs
Cd
diode capacitance
f = 1 MHz; see Figs 6, 7, 8 and 9
VR =0
10
12
pF
VR =2V
56
pF
rD
diode forward resistance
f = 100 kHz; see Figs 10 and 16
IF =10 µA
3100
6000
IF = 100 µA
380
800
IF =1mA
42
80
IF =10mA
510
rs
diode series resistance
f = 100 kHz; see Figs 11, 12 and 13
VR = 0
1000
2200
k
VR = 2 V
5000
11000
k
f = 1 MHz; see Figs 11, 12 and 13
VR = 0
25
50
k
VR = 2 V
100
220
k
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
60
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
120
K/W


Numéro de pièce similaire - BAQ800

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
More results

Description similaire - BAQ800

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAQ806 PHILIPS-BAQ806 Datasheet
74Kb / 12P
   AM PIN diode
1998 Aug 03
logo
List of Unclassifed Man...
LA1050 ETC-LA1050 Datasheet
67Kb / 2P
   AM RADIO DIODE
logo
Sanyo Semicon Device
DPA05 SANYO-DPA05 Datasheet
46Kb / 2P
   PIN Diode for FM/AM Electronic Tuning AGC Drive Use
logo
NXP Semiconductors
BA423AL PHILIPS-BA423AL Datasheet
29Kb / 4P
   AM band-switching diode
1996 Mar 13
BA423A PHILIPS-BA423A Datasheet
31Kb / 4P
   AM band-switching diode
1996 Mar 13
BB130 PHILIPS-BB130 Datasheet
29Kb / 4P
   AM variable capacitance diode
1996 May 03
BB212 PHILIPS-BB212 Datasheet
47Kb / 6P
   AM variable capacitance double diode
1996 May 03
logo
Guangdong Kexin Industr...
HVR100 KEXIN-HVR100 Datasheet
33Kb / 1P
   Variable Capacitance Diode for AM tuner
logo
Sanyo Semicon Device
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
   Varactor Diode for AM Up-Conversion
logo
Zhaoxingwei Electronics...
HVR100 ZHAOXINGWEI-HVR100 Datasheet
44Kb / 1P
   Variable Capacitance Diode for AM tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com