Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5380BST-5 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5380BST-5
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5380BST-5 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5380BST-5 Datasheet HTML 7Page - Analog Devices AD5380BST-5 Datasheet HTML 8Page - Analog Devices AD5380BST-5 Datasheet HTML 9Page - Analog Devices AD5380BST-5 Datasheet HTML 10Page - Analog Devices AD5380BST-5 Datasheet HTML 11Page - Analog Devices AD5380BST-5 Datasheet HTML 12Page - Analog Devices AD5380BST-5 Datasheet HTML 13Page - Analog Devices AD5380BST-5 Datasheet HTML 14Page - Analog Devices AD5380BST-5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 7.
Parameter
Rating
VDD to AGND
−0.3 V to +17 V
VSS to AGND
−17 V to +0.3 V
VCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to VCC + 0.3 V
Digital Outputs to DGND
−0.3 V to VCC + 0.3 V
VREF1(+), VREF2(+) to AGND
−0.3 V to +7 V
VREF1(−), VREF2(−) to AGND
VSS − 0.3 V to VDD + 0.3 V
VBIAS to AGND
−0.3 V to +7 V
VOUT0–VOUT31 to AGND
VSS − 0.3 V to VDD + 0.3 V
REFGND to AGND
VSS − 0.3 V to VDD + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Operating Temperature Range (TA)
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
108-Lead CSPBGA Package
θJA Thermal Impedance
37.5°C/W
θJC Thermal Impedance
8.5°C/W
Reflow Soldering
Peak Temperature
230°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD5380BST-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
More results

Description similaire - AD5380BST-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com