Moteur de recherche de fiches techniques de composants électroniques |
|
BAP50-05 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
BAP50-05 Fiches technique(HTML) 4 Page - NXP Semiconductors |
4 / 8 page 1999 May 10 4 Philips Semiconductors Product specification General purpose PIN diode BAP50-05 GRAPHICAL DATA Fig.2 Forward resistance as a function of the forward current; typical values. f = 100 MHz; Tj =25 °C. handbook, halfpage 103 10 102 1 MGS317 10−2 10−1 110 IF (mA) r D ( Ω) Fig.3 Diode capacitance as a function of reverse voltage; typical values. f = 1 MHz; Tj =25 °C. handbook, halfpage 103 102 MGS318 10−1 110 102 VR (V) Cd (fF) Fig.4 Insertion loss ( |S21|2) of the diode in on-state as a function of frequency; typical values. handbook, halfpage 0.5 3 f (GHz) |S21| 2 (dB) 0 −5 −4 MGS319 −3 −2 −1 1 (1) (2) (3) 1.5 2 2.5 (1) IF =10mA. (2) IF = 1 mA. (3) IF = 0.5 mA. Diode inserted in series with a 50 Ω stripline circuit and biased via the analyzer Tee network. Tamb =25 °C. Fig.5 Isolation ( |S21|2) of the diode in off-state as a function of frequency; typical values. Diode zero biased and inserted in series with a 50 Ω stripline circuit. Tamb =25 °C. handbook, halfpage 0.5 3 f (GHz) |S21| 2 (dB) 0 −25 −20 MGS321 −15 −10 −5 1 1.5 2 2.5 |
Numéro de pièce similaire - BAP50-05 |
|
Description similaire - BAP50-05 |