Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2768A Fiches technique(PDF) 2 Page - Bel Fuse Inc.

No de pièce 2768A
Description  ISDN MAGNETICS Dual S Interface Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2768A Fiches technique(HTML) 2 Page - Bel Fuse Inc.

  2768A Datasheet HTML 1Page - Bel Fuse Inc. 2768A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite F23, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice. 06.99
TM9935
T323
Dual S Interface Transformer
MECHANICAL
1
2
3
45
6
78
9
10
11
12
13
14
15
16
0.495
[12.57]
max
0.400
[10.16]
0.510
[12.95]
max
0.930 [23.62]
max
0.100
[2.54]
0.110
[2.79]
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
Terminal 1 Identifier
0.110
[2.79]
Terminals
0.020 sq.
[0.508]
2768A


Numéro de pièce similaire - 2768A

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
2768A BEL-2768A Datasheet
42Kb / 2P
   Dual S Interface Transformer
2768A BEL-2768A_00 Datasheet
42Kb / 2P
   Dual S Interface Transformer
More results

Description similaire - 2768A

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
2776A BEL-2776A Datasheet
28Kb / 2P
   ISDN MAGNETICS Single S Interface Transformer
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
2798A BEL-2798A Datasheet
39Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
logo
Rhombus Industries Inc.
T-10554 RHOMBUS-IND-T-10554 Datasheet
29Kb / 1P
   ISDN S-Interface Dual Transformer
T-13502 RHOMBUS-IND-T-13502 Datasheet
31Kb / 1P
   ISDN S-Interface Dual Transformer
T-13503 RHOMBUS-IND-T-13503 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-10502 RHOMBUS-IND-T-10502 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
T-13556 RHOMBUS-IND-T-13556 Datasheet
33Kb / 1P
   ISDN S-Interface Dual Transformer
T-13504 RHOMBUS-IND-T-13504 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-13554 RHOMBUS-IND-T-13554 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com