Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1986AJCPZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD1986AJCPZ
Description  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1986AJCPZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD1986AJCPZ Datasheet HTML 7Page - Analog Devices AD1986AJCPZ Datasheet HTML 8Page - Analog Devices AD1986AJCPZ Datasheet HTML 9Page - Analog Devices AD1986AJCPZ Datasheet HTML 10Page - Analog Devices AD1986AJCPZ Datasheet HTML 11Page - Analog Devices AD1986AJCPZ Datasheet HTML 12Page - Analog Devices AD1986AJCPZ Datasheet HTML 13Page - Analog Devices AD1986AJCPZ Datasheet HTML 14Page - Analog Devices AD1986AJCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AD1986A
Rev. 0 | Page 11 of 56
Table 19. Analog Input/Output
Mnemonic
Pin
Number
Input/
Ouput
Description
PCBEEP
12
I
Analog PC Beep Input. Routed to all output capable pins when RESET is asserted.
PHONE_IN
13
I
Mono Line Level Input.
AUX_L
14
I
Auxiliary Left Channel Input.
AUX_R
15
I
Auxiliary Right Channel Input.
CD_L
18
I
CD-Audio-Left Channel.
CD_GND
19
I
CD-Audio-Analog-Ground-Reference (for Differential CD Input).
CD_R
20
I
CD-Audio-Right Channel.
MIC_1
21
I
Microphone 1 or Line-In-Left Input (See LISEL Bits in Register 0x76).
MIC_2
22
I
Microphone 2 or Line-In-Right Input (See LISEL Bits in Register 0x76).
LINE_IN_L
23
I
Line-In-Left Channel or Microphone 1 Input (See OMS Bits in Register 0x74).
LINE_IN_R
24
I
Line-In-Right Channel or Microphone 2 Input (See OMS Bits in Register 0x74).
CENTER_OUT
31
I/O
Center-Channel Output or Microphone 1 Input (See OMS Bits in Register 0x74).
LFE_OUT
32
I/O
Low-Frequency-Enhanced Output or Microphone 2 Input (See OMS Bits in Register 0x74).
HEADPHONE_L
39
O
Headphone-Out-Left Channel (See HPSEL Bits in Register 0x76).
HEADPHONE_R
41
O
Headphone-Out-Right Channel (See HPSEL Bits in Register 0x76).
LINE_OUT_L
43
O
Line-Out (Front)—Left Channel (See LOSEL Bit in Register 0x76) (HP Drive-Capable).
LINE_OUT_R
45
O
Line-Out (Front)—Right Channel (See LOSEL Bit in Register 0x76) (HP Drive-Capable).
MONO_OUT
37
O
Mono Output to Telephony Subsystem Speakerphone.
SURR_OUT_L
35
I/O
Surround-Left Channel Output or Line-In-Left Input (See LISEL and SOSEL Bits in Register 0x76).
SURR_OUT_R
36
I/O
Surround-Right Channel Output or Line-In-Right Input (See LISEL and SOSEL Bits in
Register 0x76).
Table 20. Filter/Reference
Mnemonic
Pin
Number
Input/
Ouput
Description
VREF_FILT
27
O
Voltage Reference Filter.
VREF_OUT (MIC)
28
O
Programmable Voltage Reference Output (Intended for MIC Bias on the MIC_1/2 Channels).
VREF_OUT
(LINE_IN)
29
O
Programmable Voltage Reference Output (Intended for MIC Bias on the LINE_IN Channels).
VREF_OUT (C/LFE)
33
O
Programmable Voltage Reference Output (Intended for MIC Bias on the C/LFE Channels).
Table 21. Power and Ground
Mnemonic
Pin Number
Input/
Ouput
Description
DVDD
1, 9
N/A
Digital Supply Voltage (3.3 V).
DVSS
4, 7
N/A
Digital Supply Return (Ground).
AVDD
25, 34, 38, 42,
46
N/A
Analog Supply Voltage (5.0 V). AVDD supplies should be well filtered because supply noise will
degrade performance.
AVSS
26, 30, 40, 44
N/A
Analog Supply Return (Ground).


Numéro de pièce similaire - AD1986AJCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Description similaire - AD1986AJCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com