Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5924RHB Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TLC5924RHB
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5924RHB Fiches technique(HTML) 2 Page - Texas Instruments

  TLC5924RHB Datasheet HTML 1Page - Texas Instruments TLC5924RHB Datasheet HTML 2Page - Texas Instruments TLC5924RHB Datasheet HTML 3Page - Texas Instruments TLC5924RHB Datasheet HTML 4Page - Texas Instruments TLC5924RHB Datasheet HTML 5Page - Texas Instruments TLC5924RHB Datasheet HTML 6Page - Texas Instruments TLC5924RHB Datasheet HTML 7Page - Texas Instruments TLC5924RHB Datasheet HTML 8Page - Texas Instruments TLC5924RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS—DC Characteristics
TLC5924
SLVS626 – JUNE 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
Package
Part Number(1)
32-pin, HTSSOP, PowerPAD™
TLC5924DAP
–40
°C to 85°C
32-pin, 5 mm x 5 mm QFN
TLC5924RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
TLC5924
UNIT
VCC
Supply voltage(2)
–0.3 to 6
V
VUP
Pre-charge voltage
–0.3 to 16
V
IO
Output current (dc)
I(OUT0) to I(OUT15)
90
mA
VI
Input voltage range(2)
V(BLANK), V(XLAT), V(SCLK), V(SIN), V(MODE), V(IREF)
–0.3 to VCC + 0.3
V
V(SOUT), V(XERR)
–0.3 to VCC + 0.3
V
VO
Output voltage range(2)
V(OUT0) to V(OUT15)
-0.3 to VUP
V
HBM (JEDEC JESD22-A114, Human Body Model)
2
kV
ESD rating
CDM (JEDEC JESD22-C101, Charged Device Model)
500
V
Tstg
Storage temperature range
–40 to 150
°C
HTSSOP (DAP)
42.54
mW/
°C
Power dissipation rating at (or
above) TA = 25°C(3)
QFN (RHB)
27.86
mW/
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
See SLMA002 for more information about PowerPAD™
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VUP
Pre-charge voltage
3
15
V
VO
Voltage applied to output, (Out0 - Out15)
VUP
V
VIH
High-level input voltage
0.8 VCC
VCC
V
VIL
Low-level input voltage
GND
0.2 VCC
V
IOH
High-level output current
VCC = 5 V at SOUT
–1
mA
IOL
Low-level output current
VCC = 5 V at SOUT, XERR
1
mA
IOLC
Constant output current
OUT0 to OUT15
80
mA
TA
Operating free-air temperature range
-40
85
°C
2
Submit Documentation Feedback


Numéro de pièce similaire - TLC5924RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5924RHBR TI1-TLC5924RHBR Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924RHBT TI1-TLC5924RHBT Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924RHBTG4 TI1-TLC5924RHBTG4 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
More results

Description similaire - TLC5924RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5923 TI1-TLC5923_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC5923 TI1-TLC5923_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
TLC59283 TI1-TLC59283 Datasheet
778Kb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com