Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F646FMQB Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74F646FMQB
Description  Octal Transceiver/Register with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F646FMQB Fiches technique(HTML) 8 Page - National Semiconductor (TI)

Back Button 74F646FMQB Datasheet HTML 4Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 5Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 6Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 7Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 8Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 9Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 10Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 11Page - National Semiconductor (TI) 74F646FMQB Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
’F646B
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
165
150
MHz
tPLH
Propagation Delay
25
70
25
80
ns
tPHL
Clock to Bus
30
75
30
80
tPLH
Propagation Delay
20
60
20
70
ns
tPHL
Bus to Bus
20
60
20
70
tPLH
Propagation Delay
25
75
25
85
ns
tPHL
SBA or SAB to A or B
25
75
25
85
tPZH
Enable Time
25
65
25
80
ns
tPZL
OE to A or B
25
90
25
100
tPHZ
Disable Time
15
65
15
75
ns
tPLZ
OE to A or B
20
70
20
85
tPZH
Enable Time
20
70
20
85
ns
tPZL
DIR to A or B
30
95
30
100
tPHZ
Disable Time
15
75
15
85
ns
tPLZ
DIR to A or B
25
85
25
95
’F646B
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
50
40
ns
ts(L)
Bus to Clock
50
40
th(H)
Hold Time HIGH or LOW
15
15
ns
th(L)
Bus to Clock
15
15
tw(H)
Clock Pulse Width
50
50
ns
tw(L)
HIGH or LOW
50
50
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
646646B648
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
SP e Slim Plastic DIP
C e Commercial
SD e Slim Ceramic DIP
(0 Cto a70 C)
S e Small Outline (SOIC)
M e Military
MSA e Shrink Small Outline SOIC EIAJ Type II (M646 only)
(b55 Cto a125 C)
L e Leadless Chip Carrier
F e Flatpak
8


Numéro de pièce similaire - 74F646FMQB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74F646A PHILIPS-74F646A Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
Fairchild Semiconductor
74F646BSC FAIRCHILD-74F646BSC Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Description similaire - 74F646FMQB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com