Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40056PWP Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40056PWP
Description  WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40056PWP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40056PWP Datasheet HTML 7Page - Texas Instruments TPS40056PWP Datasheet HTML 8Page - Texas Instruments TPS40056PWP Datasheet HTML 9Page - Texas Instruments TPS40056PWP Datasheet HTML 10Page - Texas Instruments TPS40056PWP Datasheet HTML 11Page - Texas Instruments TPS40056PWP Datasheet HTML 12Page - Texas Instruments TPS40056PWP Datasheet HTML 13Page - Texas Instruments TPS40056PWP Datasheet HTML 14Page - Texas Instruments TPS40056PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TPS40056
SLVS612 − APRIL 2006
11
www.ti.com
APPLICATION INFORMATION
PROGRAMMING SOFT START
TPS40056 uses a closed-loop approach to ensure a controlled ramp on the output during start-up. Soft-start
is programmed by charging an external capacitor (CSS) via an internally generated current source. The voltage
on CSS is fed into a separate non-inverting input to the error amplifier (in addition to FB and EA_REF). The loop
is closed on the lower of the CSS voltage or the the external reference voltage EA_REF. Once the CSS voltage
rises above the external reference voltage, regulation is based on the external reference. To ensure a controlled
ramp-up of the output voltage the soft-start time should be greater than the L-CO time constant as described
in equation (10).
t
START w 2p
L
C
O
(seconds)
There is a direct correlation between tSTART and the input current required during start-up. The faster tSTART,
the higher the input current required during start-up. This relationship is describe in more detail in the section
titled, Programming the Current Limit which follows. The soft-start capacitance, CSS, is described in
equation (11).
For applications in which the VIN supply ramps up slowly, (typically between 50 ms and 100 ms) it may be
necessary to increase the soft-start time to between approximately 2 ms and 5 ms to prevent nuisance UVLO
tripping. The soft-start time should be longer than the time that the VIN supply transitions between 8 V and 9 V.
C
SS +
2.3
mA
0.7 V
t
START
(Farads)
PROGRAMMING CURRENT LIMIT
The TPS40056 uses a two-tier approach for overcurrent protection. The first tier is a pulse-by-pulse protection
scheme. Current limit is implemented on the high-side MOSFET by sensing the voltage drop across the
MOSFET when the gate is driven high. The MOSFET voltage is compared to the voltage dropped across a
resistor connected from VIN pin to the ILIM pin when driven by a constant current sink. If the voltage drop across
the MOSFET exceeds the voltage drop across the ILIM resistor, the switching pulse is immediately terminated.
The MOSFET remains off until the next switching cycle is initiated.
The second tier consists of a fault counter. The fault counter is incremented on an overcurrent pulse and
decremented on a clock cycle without an overcurrent pulse. When the counter reaches seven (7) a restart is
issued and seven soft-start cycles are initiated. Both the upper and lower MOSFETs are turned off during this
period. The counter is decremented on each soft-start cycle. When the counter is decremented to zero, the
PWM is re-enabled. If the fault has been removed the output starts up normally. If the output is still present the
counter counts seven overcurrent pulses and re-enters the second-tier fault mode. See Figure 3 for typical
overcurrent protection waveforms.
The minimum current limit setpoint (ILIM) depends on tSTART, CO, VO, and the load current at turn-on (IL).
I
LIM +
C
O
V
O
t
START
) I
L
(Amperes)
(10)
(11)
(12)


Numéro de pièce similaire - TPS40056PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40056PWP TI1-TPS40056PWP Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWPG4 TI1-TPS40056PWPG4 Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWPR TI1-TPS40056PWPR Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40056PWPRG4 TI1-TPS40056PWPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
More results

Description similaire - TPS40056PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40056 TI1-TPS40056_16 Datasheet
1Mb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS, TRACKING BUCK CONTROLLER
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com