Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT646PWDH Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVT646PWDH
Description  3.3V Octal bus transceiver/register 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT646PWDH Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVT646PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT646PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LVT646
3.3V Octal bus transceiver/register (3-State)
2
1998 Feb 19
853-1747 18987
FEATURES
Combines 74LVT245 and 74LVT574 type functions in one device
Independent registers for A and B buses
Multiplexed real–time and stored data
Output capability: +64mA/–32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
Power-up 3-State
Power-up reset
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT646 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device consists of bus transceiver circuits with 3-State outputs,
D-type flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the input bus or the internal
registers.
Data on the A or B bus will be clocked into the registers as the
appropriate clock pin goes High.
Output Enable (OE) and DIR pins are provided to control the
transceiver function. In the transceiver mode, data present at the
high impedance port may be stored in either the A or B register or
both.
The Select (SAB, SBA) pins determine whether data is stored or
transferred through the device in real–time. The DIR determines
which bus will receive data when the OE is active (Low).
In the isolation mode (OE = High), data from Bus A may be stored in
the B register and/or data from Bus B may be stored in the A
register.
When an output function is disabled, the input function is still
enabled and may be used to store and transmit data. Only one of
the two buses, A or B may be driven at a time. The examples on the
next page demonstrate the four fundamental bus management
functions that can be performed with the 74LVT646.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 3.3V
2.8
2.7
ns
CIN
Input capacitance
CP, S, OE, DIR
VI/O = 0V or 3.0V
4
pF
CI/O
I/O capacitance
Outputs disabled; VI/O = 0V or 3.0V
10
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic SOL
–40
°C to +85°C
74LVT646 D
74LVT646 D
SOT163-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT646 DB
74LVT646 DB
SOT399-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT646 PW
74LVT646PW DH
SOT360-1
PIN CONFIGURATION
VCC
CPBA
SBA
OE
B0
B1
B2
B3
B4
B5
B6
B7
CPAB
SAB
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
SV00045
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1, 23
CPAB /
CPBA
A to B clock input / B to A
clock input
2, 22
SAB / SBA
A to B select input / B to
A select input
3
DIR
Direction control input
4, 5, 6, 7, 8, 9, 10,
11
A0 – A7
Data inputs/outputs (A
side)
20, 19, 18, 17, 16,
15, 14, 13
B0 – B7
Data inputs/outputs (B
side)
21
OE
Output enable input
(active-low)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Numéro de pièce similaire - 74LVT646PWDH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640D PHILIPS-74LVT640D Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640D NEXPERIA-74LVT640D Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74LVT640DB PHILIPS-74LVT640DB Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
More results

Description similaire - 74LVT646PWDH

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
NXP Semiconductors
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74HC652 PHILIPS-74HC652 Datasheet
104Kb / 10P
   Octal bus transceiver/register; 3-state
September 1993
logo
Toshiba Semiconductor
TC74HC652AP TOSHIBA-TC74HC652AP Datasheet
311Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
M74HC651 STMICROELECTRONICS-M74HC651 Datasheet
202Kb / 12P
   HC652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HC651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV.
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74LVC646A PHILIPS-74LVC646A Datasheet
138Kb / 16P
   Octal bus transceiver/register 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com