Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC648DW Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC74AC648DW
Description  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC648DW Fiches technique(HTML) 3 Page - Motorola, Inc

  MC74AC648DW Datasheet HTML 1Page - Motorola, Inc MC74AC648DW Datasheet HTML 2Page - Motorola, Inc MC74AC648DW Datasheet HTML 3Page - Motorola, Inc MC74AC648DW Datasheet HTML 4Page - Motorola, Inc MC74AC648DW Datasheet HTML 5Page - Motorola, Inc MC74AC648DW Datasheet HTML 6Page - Motorola, Inc MC74AC648DW Datasheet HTML 7Page - Motorola, Inc MC74AC648DW Datasheet HTML 8Page - Motorola, Inc MC74AC648DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74AC648 MC74ACT648
5-3
FACT DATA
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended
Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
VCC
Supply Voltage
′ACT
4.5
5.0
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 4.5 V
40
ns/V
r, tf
′AC Devices except Schmitt Inputs
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 5.5 V
8.0
ns/V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
–40
25
85
°C
IOH
Output Current — High
–24
mA
IOL
Output Current — Low
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


Numéro de pièce similaire - MC74AC648DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC640DW MOTOROLA-MC74AC640DW Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC640N MOTOROLA-MC74AC640N Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643DW MOTOROLA-MC74AC643DW Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - MC74AC648DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com