Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT573DB Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVT573DB
Description  3.3V Octal D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573DB Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVT573DB Datasheet HTML 1Page - NXP Semiconductors 74LVT573DB Datasheet HTML 2Page - NXP Semiconductors 74LVT573DB Datasheet HTML 3Page - NXP Semiconductors 74LVT573DB Datasheet HTML 4Page - NXP Semiconductors 74LVT573DB Datasheet HTML 5Page - NXP Semiconductors 74LVT573DB Datasheet HTML 6Page - NXP Semiconductors 74LVT573DB Datasheet HTML 7Page - NXP Semiconductors 74LVT573DB Datasheet HTML 8Page - NXP Semiconductors 74LVT573DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LVT573
3.3V Octal D-type transparent latch
(3-State)
2
1998 Feb 19
853–1750 18988
FEATURES
Inputs and outputs on opposite side of package allow easy
interface to microprocessors
3-State output buffers
Common output enable
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
Power-up 3-State
Power-up reset
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT573 is a high-performance BiCMOS product designed for
VCC operation at 3.3V. This device is an octal transparent latch
coupled to eight 3-State output buffers. The two sections of the
device are controlled independently by Enable (E) and Output
Enable (OE) control gates. The 74LVT573 has a broadside pinout
configuration to facilitate PC board layout and allow easy interface
with microprocessors.
The data on the D inputs are transferred to the latch outputs when
the Latch Enable (E) input is High. The latch remains transparent to
the data inputs while E is High, and stores the data that is present
one setup time before the High-to-Low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the latch operation.
When OE is Low, the latched or transparent data appears at the
outputs. When OE is High, the outputs are in the High-impedance
“OFF” state, which means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 3.3V
2.5
2.7
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
8
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT573 D
74LVT573 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT573 DB
74LVT573 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT573 PW
74LVT573PW DH
SOT360-1
PIN CONFIGURATION
10
9
8
7
6
5
4
3
2
120
19
18
17
16
15
14
13
12
11
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
E
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
SV00031
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-Low)
2, 3, 4, 5, 6, 7, 8, 9
D0-D7
Data inputs
19, 18, 17, 16, 15,
14, 13, 12
Q0-Q7
Data outputs
11
E
Enable input
(active-High)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Numéro de pièce similaire - 74LVT573DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT573DB NXP-74LVT573DB Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
More results

Description similaire - 74LVT573DB

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com