Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT534PW Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVT534PW
Description  3.3V Octal D-type flip-flop; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT534PW Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVT534PW Datasheet HTML 1Page - NXP Semiconductors 74LVT534PW Datasheet HTML 2Page - NXP Semiconductors 74LVT534PW Datasheet HTML 3Page - NXP Semiconductors 74LVT534PW Datasheet HTML 4Page - NXP Semiconductors 74LVT534PW Datasheet HTML 5Page - NXP Semiconductors 74LVT534PW Datasheet HTML 6Page - NXP Semiconductors 74LVT534PW Datasheet HTML 7Page - NXP Semiconductors 74LVT534PW Datasheet HTML 8Page - NXP Semiconductors 74LVT534PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVT534
3.3V Octal D-type flip-flop, inverting (3-State)
1998 Feb 19
3
LOGIC SYMBOL (IEEE/IEC)
1
3
2
4
5
7
6
8
9
EN
11
C1
13
12
14
15
17
16
18
19
1D
SA00163
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
3, 4, 7, 8,
13, 14, 17, 18
D0-D7
Data inputs
2, 5, 6, 9,
12, 15, 16, 19
Q0-Q7
Inverting 3-State outputs
11
CP
Clock pulse input (active rising
edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING
MODE
OE
CP
Dn
REGISTER
Q0 – Q7
L
L
l
h
L
H
H
L
Latch and read
register
L
X
NC
NC
Hold
H
H
X
Dn
NC
Dn
Z
Z
Disable
outputs
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High
clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High
clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = not a Low-to-High clock transition
LOGIC DIAGRAM
19
CP Q
D
2
D0
Q0
CP Q
D
3
D1
CP Q
D
4
D2
CP Q
D
5
D3
CP Q
D
6
D4
CP Q
D
7
D5
CP Q
D
8
D6
CP Q
D
9
D7
Q1
18
Q2
17
Q3
16
Q4
15
Q5
14
Q6
13
Q7
12
11
CP
1
OE
SV00168


Numéro de pièce similaire - 74LVT534PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543D PHILIPS-74LVT543D Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543DB PHILIPS-74LVT543DB Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PW PHILIPS-74LVT543PW Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74LVT543PWDH PHILIPS-74LVT543PWDH Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
More results

Description similaire - 74LVT534PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT534A PHILIPS-74ABT534A Datasheet
111Kb / 12P
   Octal D-type flip-flop, inverting 3-State
1997 Feb 03
logo
International Rectifier
74ABT534A IRF-74ABT534A Datasheet
128Kb / 12P
   Octal D-type flip-flop, inverting (3-State)
logo
KODENSHI_AUK CORP.
KK74HC534A KODENSHI-KK74HC534A Datasheet
250Kb / 6P
   Octal 3-State Inverting D Flip-Flop
logo
Motorola, Inc
MC74HC564A MOTOROLA-MC74HC564A Datasheet
188Kb / 8P
   Octal 3-State Inverting D Flip-Flop
logo
System Logic Semiconduc...
HC534 SLS-HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop
logo
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
Motorola, Inc
MC54-74HC374A MOTOROLA-MC54-74HC374A Datasheet
253Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_11 Datasheet
149Kb / 9P
   Octal 3-State Non-Inverting D Flip-Flop
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com