Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC377DW Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC74AC377DW
Description  OCTAL D FLIP-FLOP WITH CLOCK ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC377DW Fiches technique(HTML) 1 Page - Motorola, Inc

  MC74AC377DW Datasheet HTML 1Page - Motorola, Inc MC74AC377DW Datasheet HTML 2Page - Motorola, Inc MC74AC377DW Datasheet HTML 3Page - Motorola, Inc MC74AC377DW Datasheet HTML 4Page - Motorola, Inc MC74AC377DW Datasheet HTML 5Page - Motorola, Inc MC74AC377DW Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FACT DATA
Octal D FlipFlop
with Clock Enable
The MC74AC377/74ACT377 has eight edge-triggered, D-type flip-flops with
individual D inputs and Q outputs. The common buffered Clock (CP) input loads
all flip-flops simultaneously, when the Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D input, one setup time
before the LOW-to-HIGH clock transition, is transferred to the corresponding flip-
flop’s Q output. The CE input must be stable only one setup time prior to the
LOW-to-HIGH clock transition for predictable operation.
• Ideal for Addressable Register Applications
• Clock Enable for Address and Data Synchronization Applications
• Eight Edge-Triggered D Flip-Flops
• Buffered Common Clock
• Outputs Source/Sink 24 mA
• See MC74AC273 for Master Reset Version
• See MC74AC373 for Transparent Latch Version
• See MC74AC374 for 3-State Version
• ′ACT377 Has TTL Compatible Inputs
19
20
18
17
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
O7
D7
D6
O6
O5
D5
D4
O4
CP
CE
O0
D0
D1
O1
O2
D2
D3
O3
GND
PIN NAMES
D0–D7
Data Inputs
CE
Clock Enable (Active LOW)
Q0–Q7
Data Outputs
CP
Clock Pulse Input
MODE SELECT-FUNCTION TABLE
Operating Mode
Inputs
Outputs
Operating Mode
CP
CE
Dn
Qn
Load
′1′
L
H
H
Load
′0′
L
L
L
Hold (Do Nothing)
H
X
No Change
Hold (Do Nothing)
X
H
X
No Change
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
= LOW-to-HIGH Clock Transition
MC74AC377
MC74ACT377
OCTAL D
FLIP-FLOP WITH
CLOCK ENABLE
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC
LOGIC SYMBOL
O0 O1 O2 O3 O4 O5 O6 O7
D0 D1 D2 D3 D4 D5 D6 D7
CP
CE


Numéro de pièce similaire - MC74AC377DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC377DW ONSEMI-MC74AC377DW Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
MC74AC377DW ONSEMI-MC74AC377DW Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DWG ONSEMI-MC74AC377DWG Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DWG ONSEMI-MC74AC377DWG Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
MC74AC377DWR2 ONSEMI-MC74AC377DWR2 Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
More results

Description similaire - MC74AC377DW

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com