Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145407DW Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC145407DW
Description  5 VOLT ONLY DRIVER / RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145407DW Fiches technique(HTML) 6 Page - Motorola, Inc

  MC145407DW Datasheet HTML 1Page - Motorola, Inc MC145407DW Datasheet HTML 2Page - Motorola, Inc MC145407DW Datasheet HTML 3Page - Motorola, Inc MC145407DW Datasheet HTML 4Page - Motorola, Inc MC145407DW Datasheet HTML 5Page - Motorola, Inc MC145407DW Datasheet HTML 6Page - Motorola, Inc MC145407DW Datasheet HTML 7Page - Motorola, Inc MC145407DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC145407
MOTOROLA
6
APPLICATIONS INFORMATION
ESD CONSIDERATIONS
ESD protection on IC devices that have their pins acces-
sible to the outside world is essential. High static voltages
applied to the pins when someone touches them either di-
rectly or indirectly can cause damage to gate oxides and
transistor junctions by coupling a portion of the energy from
the I/O pin to the power supply busses of the IC. This cou-
pling will usually occur through the internal ESD protection
diodes. The key to protecting the IC is to shunt as much of
the energy to ground as possible before it enters the IC. Fig-
ure 7 shows a technique which will clamp the ESD voltage at
approximately + 15 V using the MMBZ15VDLT1. Any resid-
ual voltage which appears on the supply pins is shunted to
ground through the 0.1
µF capacitors.
OPERATION WITH SMALLER VALUE CHARGE PUMP
CAPS
The MC145407 is characterized in the electrical tables
using 10
µF charge pump caps to illustrate its capability in
driving a companion MC145406 or MC145403. If there is no
requirement to support a second interface device and/or the
charge pump is not being used to power any other com-
ponents, the MC145407 is capable of complying with
EIA–232–E and V.28 with smaller value charge pump caps.
Table 1 summarizes driver performance with both 2.2
µF and
1.0
µF charge pump caps.
Table 1. Typical Performance
Parameter
2.2
µF
1.0
µF
Tx VOH @ 25°C
7.3
7.2
Tx VOH @ 85°C
7.2
7.1
Tx VOL @ 25°C
– 6.5
– 6.4
Tx VOL @ 85°C
– 6.1
– 6.0
Tx Slew Rate @ 25
°C
8.0 V/
µs
8.0 V/
µs
Tx Slew Rate @ 85
°C
7.0 V/
µs
7.0 V/
µs
14
600
16
TIP
13
BYPASS
DTMF
INPUT
RDSI
20 k
CDSI RTLA
+ 5 V
20
6
9
8
3
11
5
TLA
DSI
TxA
RxA2
1
17
15
VDD
Xin
Xout
CD
TxD
RxD
SQT
LB
MODE
CDA
VSS
CDT
VAG
FB
ExI
RxA1
RTx
18
10
19
4
600:600
CFB
+
10 k
RING
VDD
VDD
BYPASS
VSS
CCDT
12
7
2
10 k
10 k
10 k
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
1.0
µF
3.579
MHz
CCDA
3
1
15
16
13
17
19
6
5
8
7
9
8
2
3
7
2
4
VSS
GND
DI3
DI2
DO1
DI1
C2 +
C2 – VDD
VCC C1 –
C1 +
Tx1
Rx1
Tx2
Rx2
Rx3
* Line protection circuit
MC145442
OR
MC145443
MC145407
1.0
µF
1.0
µF
1.0
µF
+
EIA–232–E
DB–25
CONNECTOR
0.1
µF
0.1
µF
0.1
µF
*
Figure 4. 5 V, 300 Baud Modem with EIA–232–E Interface


Numéro de pièce similaire - MC145407DW

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
MC145407DW LANSDALE-MC145407DW Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
MC145407DW LANSDALE-MC145407DW Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

Description similaire - MC145407DW

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Motorola, Inc
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D161 ATMEL-AT45D161 Datasheet
215Kb / 20P
   16-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com