Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X10FF5 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce X10FF5
Description  600 V - 1,000 V Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

X10FF5 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  X10FF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers X10FF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
66
0
50
100
150
200
250
25
50
75
100
125
150
Temperature (C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
0
10
20
30
40
50
60
70
020
40
60
80
100
Reverse Bias Voltage (V)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
0.0
1.0
2.0
3.0
4.0
5.0
Forward Current (A)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
X06FF3 X10FF3 X06FF5 X10FF5
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
X10FF3
X10FF5
X10FF5
X10FF3
L=0.300"
L=0.400"
L=0.500"
L=0.100"
L=0.000"
L=0.200"
Temperature (°C)
Lead Temperature (°C)
Temperature (°C)


Numéro de pièce similaire - X10FF5

FabricantNo de pièceFiches techniqueDescription
logo
Voltage Multipliers Inc...
X10FF5 VMI-X10FF5 Datasheet
36Kb / 1P
   Spice Model
More results

Description similaire - X10FF5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1N6612 ETC1-1N6612 Datasheet
83Kb / 2P
   400 V - 1,000 V Rectifiers
logo
New Jersey Semi-Conduct...
1N6616 NJSEMI-1N6616 Datasheet
81Kb / 1P
   400 V -1,000 V Rectifiers
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
ON Semiconductor
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
   Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
logo
List of Unclassifed Man...
1302 ETC-1302 Datasheet
138Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1102B VMI-1102B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
List of Unclassifed Man...
1202D ETC-1202D Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1502FB ETC-1502FB Datasheet
229Kb / 2P
   200 V - 1,000 V Single Phase Bridge
3402B ETC1-3402B Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
1102A ETC1-1102A Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com