Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145436A Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC145436A
Description  LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145436A Fiches technique(HTML) 6 Page - Motorola, Inc

  MC145436A Datasheet HTML 1Page - Motorola, Inc MC145436A Datasheet HTML 2Page - Motorola, Inc MC145436A Datasheet HTML 3Page - Motorola, Inc MC145436A Datasheet HTML 4Page - Motorola, Inc MC145436A Datasheet HTML 5Page - Motorola, Inc MC145436A Datasheet HTML 6Page - Motorola, Inc MC145436A Datasheet HTML 7Page - Motorola, Inc MC145436A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC145436A
MOTOROLA
6
Ain
Vin t VDD
VDD
10 pF
100 k
0.01
µF
Ain
10 pF
VDD
100 k
7
7
Figure 2. Analog Input (Operational Information Based on PDIP Package)
Vin u VDD
3.58 MHz
Xin
Xout
VDD
ATB
Xen
1 M
ATB
Xen
TO OTHER
MC145436As
MC145436A
MC145436A
VDD
Xin
Figure 3. Multiple MC145436As
COL 1
COL 2
COL 3
COL 4
697
770
852
941
STD
DTMF
(Hz)
ROW 1
ROW 2
ROW 3
ROW 4
1209
1336
1477
1633
1
2
3
A
4
5
6
B
7
8
9
C
*
0
#
D
STD DTMF (Hz)
Figure 4. 4
× 4 Keyboard Matrix


Numéro de pièce similaire - MC145436A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC145436A NXP-MC145436A Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results

Description similaire - MC145436A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Fujitsu Component Limit...
MB4507A FUJITSU-MB4507A Datasheet
312Kb / 11P
   DUAL TONE MULTI-FREQUENCY OSCILLATOR
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
[Old version datasheet]   Low-Power Tone Decoder
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
logo
ams AG
AS3932 AMSCO-AS3932_07 Datasheet
402Kb / 34P
   3D Low Frequency Wakeup Receiver
AS3932 AMSCO-AS3932 Datasheet
1Mb / 33P
   3D Low Frequency Wakeup Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com