Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3513 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3513
Description  PC POWER SUPPLY SUPERVISORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3513 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3513 Datasheet HTML 1Page - Texas Instruments TPS3513 Datasheet HTML 2Page - Texas Instruments TPS3513 Datasheet HTML 3Page - Texas Instruments TPS3513 Datasheet HTML 4Page - Texas Instruments TPS3513 Datasheet HTML 5Page - Texas Instruments TPS3513 Datasheet HTML 6Page - Texas Instruments TPS3513 Datasheet HTML 7Page - Texas Instruments TPS3513 Datasheet HTML 8Page - Texas Instruments TPS3513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPS3513
PC POWER SUPPLY SUPERVISORS
SLVS313 – FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Overvoltage Protection and Lockout for
12 V, 5 V, and 3.3 V
D Overcurrent Protection and Lockout for
12 V, 5 V, and 3.3 V
D Undervoltage Protection and Lockout
for 12 V, and Undervoltage Detect for
5 V and 3.3 V
D Fault-Protection Output With Open Drain
Output Stage
D Open-Drain, Power Good Output Signal for
Power-Good Input, 3.3 V and 5 V
D 300-ms Power-Good Delay
D 75-ms Delay for 5-V and 3.3-V Power
Supply Short-Circuit Turnon Protection
D 2.3 ms PSON Control to FPO Turnoff Delay
D 38 ms PSON Control Debounce
D Wide Supply Voltage Range From
4.5 V to 15 V
description
The TPS3513 is designed to optimize PC switching power supply system with minimum external components.
It provides undervoltage lockout (UVLO), protection circuits, power good indicator, and on/off control.
typical application
PGI
GND
FPO
PSON
IS12
RI
NC
PGO
VDD
VS5
VS33
VS12
IS33
IS5
5 V
3.3 V
12 V
TPS3513
560
56 k
R2
R1
470 k
1 k
820
1.5 k
0.01
0.01
0.01
IO
5 V VSB
12 V
5 V
3.3 V
5 V VSB
PG
From Transformer
System Side
Power Supply
Output Side
Max
Output Current
Over Current
Protection Trip Point†
12 V
5 V
3.3 v
6 A
16 A
9 A
9.2 A
24.6 A
13.5 A
† Over current protection trip point can be programmable.
Copyright
© 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PGI
GND
FPO
PSON
IS12
RI
NC
PGO
VDD
VS5
VS33
VS12
IS33
IS5
D OR N PACKAGE
(TOP VIEW)
NC – No internal connection


Numéro de pièce similaire - TPS3513

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3513 TI1-TPS3513 Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513D TI1-TPS3513D Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513DR TI1-TPS3513DR Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513DRG4 TI1-TPS3513DRG4 Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3513N TI1-TPS3513N Datasheet
564Kb / 20P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Description similaire - TPS3513

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com