Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145483SD Fiches technique(PDF) 10 Page - Motorola, Inc

No de pièce MC145483SD
Description  3V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145483SD Fiches technique(HTML) 10 Page - Motorola, Inc

Back Button MC145483SD Datasheet HTML 6Page - Motorola, Inc MC145483SD Datasheet HTML 7Page - Motorola, Inc MC145483SD Datasheet HTML 8Page - Motorola, Inc MC145483SD Datasheet HTML 9Page - Motorola, Inc MC145483SD Datasheet HTML 10Page - Motorola, Inc MC145483SD Datasheet HTML 11Page - Motorola, Inc MC145483SD Datasheet HTML 12Page - Motorola, Inc MC145483SD Datasheet HTML 13Page - Motorola, Inc MC145483SD Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MC145483
MOTOROLA
10
MAXIMUM RATINGS (Voltages Referenced to VSS Pin)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to 6
V
Voltage on Any Analog Input or Output Pin
VSS – 0.3 to VDD + 0.3
V
Voltage on Any Digital Input or Output Pin
VSS – 0.3 to VDD + 0.3
V
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to +150
°C
POWER SUPPLY (TA = – 40 to + 85°C)
Characteristics
Min
Typ
Max
Unit
DC Supply Voltage
2.7
3.0
5.25
V
Active Current Dissipation (VDD = 3 V)
(No Load, PI
≥ VDD – 0.5 V)
(No Load, PI
≤ VDD – 1.0 V)
2.3
2.5
mA
Power–Down Current (VIH for Logic Levels
PDI = VSS
Must be
≥ VDD – 0.5 V)
FST and FSR = VSS, PDI = VDD
0.001
0.01
mA
DIGITAL LEVELS (VDD = 2.7 to 3.6 V, VSS = 0 V, TA = – 40 to + 85°C)
Characteristics
Symbol
Min
Max
Unit
Input Low Voltage
VIL
0.6
V
Input High Voltage
VIH
2.2
V
Output Low Voltage (DT Pin, IOL= 1.6 mA)
VOL
0.4
V
Output High Voltage (DT Pin, IOH = – 1.6 mA)
VOH
VDD – 0.5
V
Input Low Current (VSS ≤ Vin ≤ VDD)
IIL
– 10
+ 10
µA
Input High Current (VSS ≤ Vin ≤ VDD)
IIH
– 10
+ 10
µA
Output Current in High Impedance State (VSS ≤ DT ≤ VDD)
IOZ
– 10
+ 10
µA
Input Capacitance of Digital Pins (Except DT)
Cin
10
pF
Input Capacitance of DT Pin when High–Z
Cout
15
pF


Numéro de pièce similaire - MC145483SD

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
More results

Description similaire - MC145483SD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com