Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT2244PW Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74LVT2244PW
Description  3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2244PW Fiches technique(HTML) 1 Page - NXP Semiconductors

  74LVT2244PW Datasheet HTML 1Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 2Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 3Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 4Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 5Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 6Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 7Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 8Page - NXP Semiconductors 74LVT2244PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74LVT2244
3.3V Octal buffer/line driver with 30
series termination resistors (3-State)
Product specification
Supersedes data of 1996 Aug 28
IC23 Data Handbook
1998 Feb 19
INTEGRATED CIRCUITS


Numéro de pièce similaire - 74LVT2244PW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT2244PW NEXPERIA-74LVT2244PW Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results

Description similaire - 74LVT2244PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com