Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT2245D Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVT2245D
Description  3.3V Octal transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2245D Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVT2245D Datasheet HTML 1Page - NXP Semiconductors 74LVT2245D Datasheet HTML 2Page - NXP Semiconductors 74LVT2245D Datasheet HTML 3Page - NXP Semiconductors 74LVT2245D Datasheet HTML 4Page - NXP Semiconductors 74LVT2245D Datasheet HTML 5Page - NXP Semiconductors 74LVT2245D Datasheet HTML 6Page - NXP Semiconductors 74LVT2245D Datasheet HTML 7Page - NXP Semiconductors 74LVT2245D Datasheet HTML 8Page - NXP Semiconductors 74LVT2245D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2245
3.3V Octal transceiver with 30
termination resistors (3-State)
1998 Feb 19
3
LOGIC SYMBOL (IEEE/IEC)
2
3
4
5
6
7
8
9
G3
3 EN1 (BA)
3 EN2 (AB)
1
2
18
17
16
15
14
13
12
11
19
1
SV00015
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
DIR
Direction control input
2, 3, 4, 5,
6, 7, 8, 9
A0 – A7
Data inputs/outputs (A side)
18, 17, 16, 15,
14, 13, 12, 11
B0 – B7
Data inputs/outputs (B side)
19
OE
Output enable input (active–Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
OEn
DIR
An
Bn
L
L
An= Bn
Inputs
L
H
Inputs
Bn =An
H
X
Z
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High impedance “Off ” state
SCHEMATIC OF EACH OUTPUT
VCC
VCC
25
25
SV00102
ABSOLUTE MAXIMUM RATINGS1,2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage3
–0.5 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
Output in Off or High state
–0.5 to +7.0
V
I
DC output current
Output in Low state
128
mA
IOUT
DC output current
Output in High state
–64
mA
Tstg
Storage temperature range
–65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.


Numéro de pièce similaire - 74LVT2245D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT2245D NXP-74LVT2245D Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT2245D NEXPERIA-74LVT2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT2245DB NXP-74LVT2245DB Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
More results

Description similaire - 74LVT2245D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com