Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB11NM60FD-1 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STB11NM60FD-1
Description  N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60FD-1 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STB11NM60FD-1 Datasheet HTML 6Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 7Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 8Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 9Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 10Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 11Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 12Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 13Page - STMicroelectronics STB11NM60FD-1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package mechanical data STB11NM60FD - STB11NM60FD-1 - STP11NM60FD - STP11NM60FDFP
10/17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com


Numéro de pièce similaire - STB11NM60FD-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB11NM60FD-1 STMICROELECTRONICS-STB11NM60FD-1 Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
logo
Inchange Semiconductor ...
STB11NM60FD-1 ISC-STB11NM60FD-1 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
More results

Description similaire - STB11NM60FD-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STF20NM50D STMICROELECTRONICS-STF20NM50D Datasheet
494Kb / 11P
   N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh??Power MOSFET (with FAST DIODE)
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
   N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STB12NM50ND STMICROELECTRONICS-STB12NM50ND_09 Datasheet
1Mb / 16P
   N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
649Kb / 14P
   N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com