Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT16646ADGG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVT16646ADGG
Description  3.3V ABT 16-bit bus transceiver 3-State
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646ADGG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16646ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVT16646ADGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
6 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
1A3
9
data input or output 3; A side
1A4
10
data input or output 4; A side
GND
11
ground (0V)
1A5
12
data input or output 5; A side
1A6
13
data input or output 6; A side
1A7
14
data input or output 7; A side
2A0
15
data input or output 8; A side
2A1
16
data input or output 9; A side
2A2
17
data input or output 10; A side
GND
18
ground (0V)
2A3
19
data input or output 11; A side
2A4
20
data input or output 12; A side
2A5
21
data input or output 13; A side
VCC
22
positive supply voltage
2A6
23
data input or output 14; A side
2A7
24
data input or output 15; A side
GND
25
ground (0V)
2SAB
26
select inputs 8 to 15; A to B side
2CPAB
27
clock inputs 8 to 15; A to B side
2DIR
28
direction control inputs 8 to 15
2OE
29
output enable inputs 8 to 15
2CPBA
30
clock inputs 8 to 15; B to A side
2SBA
31
select inputs 8 to 15; B to A side
GND
32
ground (0V)
2B7
33
data input or output 15; B side
2B6
34
data input or output 14; B side
VCC
35
positive supply voltage
2B5
36
data input or output 13; B side
2B4
37
data input or output 12; B side
2B3
38
data input or output 11; B side
GND
39
ground (0V)
2B2
40
data input or output 10; B side
2B1
41
data input or output 9; B side
2B0
42
data input or output 8; B side
1B7
43
data input or output 7; B side
1B6
44
data input or output 6; B side
1B5
45
data input or output 5; B side
GND
46
ground (0V)
1B4
47
data input or output 4; B side
1B3
48
data input or output 3; B side
1B2
49
data input or output 2; B side
Table 3:
Pin description …continued
Symbol
Pin
Description


Numéro de pièce similaire - 74LVT16646ADGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT16646ADGG NEXPERIA-74LVT16646ADGG Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

Description similaire - 74LVT16646ADGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
   3.3V ABT Octal Bus Transceiver with 3-State Output
logo
Texas Instruments
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Texas Instruments
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com