Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFR165 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce SFR165
Description  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SFR165 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SFR165 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFR165 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the schedule of
“IEC publication 60115-1”, category 55/155/56 (rated temperature range
-55 °C to +155 °C; damp heat, long term, 56 days). The testing also covers
the requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication 60068-2,
“Recommended basic climatic and mechanical robustness testing
procedure for electronic components” and under standard atmospheric
conditions according to “IEC 60068-1”, subclause 5.3.
In Table 5 the tests and requirements are listed with reference to the relevant
clauses of “IEC publications 60115-1 and 60068-2”; a short description of
the test procedure is also given. In some instances deviations from the IEC
recommendations were necessary for our method of specifying.
Table 5
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
SFR16S
SFR25
SFR25H
4.16
21 (U)
robustness of
terminations:
4.16.2
21 (Ua1)
tensile all samples
Æ0.45 mm, load 5 N; 10 s
number of failures
<10 ´ 10-6
Æ0.58 mm, load 10 N; 10 s
4.16.3
21 (Ub)
bending half
number of
samples
Æ0.45 mm, load 2.5 N; 4 ´ 90°
number of failures
<10 ´ 10-6
Æ0.58 mm, load 5 N; 4 ´ 90°
4.16.4
21 (Uc)
torsion other half
of samples
3
´ 360° in opposite directions
no damage
DR/R max.: ±0.25% + 0.05 W
4.17
20 (Ta)
solderability
2 s; 235
°C; flux 600
good tinning; no damage
4.18
20 (Tb)
resistance to
soldering heat
3.5 s; 350
°C;
solder bath method
DR/R max.: ±0.25% + 0.05 W
4.19
14 (Na)
rapid change of
temperature
30 minutes at
-55 °C and
30 minutes at +155
°C; 5 cycles
DR/R max.: ±0.25% + 0.05 W
4.20
29 (Eb)
bump
3
´ 1500 bumps in 3 directions;
40 g
no damage
DR/R max.: ±0.25% + 0.05 W
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz;
displacement 1.5 mm or
acceleration 10 g; 3 directions;
total 6 hours (3
´ 2 hours)
no damage
DR/R max.: ±0.25% + 0.05 W


Numéro de pièce similaire - SFR165

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR16-XXX ETC1-SFR16-XXX Datasheet
111Kb / 4P
   0.8nn FLEX CIRCUIT/FLAT CABLE/CIC SURFLOK SFR SERIES
logo
Yea Shin Technology Co....
SFR1603CT YEASHIN-SFR1603CT Datasheet
41Kb / 2P
   SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
SFR1603FCT YEASHIN-SFR1603FCT Datasheet
46Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER VOLTAGE- 50 to 400 Volts CURRENT - 16.0 Ampere
logo
List of Unclassifed Man...
SFR16L4BB1 ETC1-SFR16L4BB1 Datasheet
69Kb / 2P
   SINGLE-PHASE BRIDGE WITH 2 THYRISTORS ON LINE COMMOM AC
SFR16LXXX ETC1-SFR16LXXX Datasheet
69Kb / 2P
   SINGLE-PHASE BRIDGE WITH 2 THYRISTORS ON LINE COMMOM AC
More results

Description similaire - SFR165

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com