Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT16244BDL Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
74LVT16244BDL Fiches technique(HTML) 5 Page - NXP Semiconductors |
5 / 10 page Philips Semiconductors Product specification 74LVT16244B 3.3V 16-bit buffer/driver (3-State) 1998 Oct 07 5 DC ELECTRICAL CHARACTERISTICS LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40 °C to +85°C UNIT MIN TYP1 MAX VIK Input clamp voltage VCC = 2.7V; IIK = -18mA -0.85 -1.2 V VCC = 2.7 to 3.6V; IOH = -100µA VCC–0.2 VCC VOH High-level output voltage VCC = 2.7V; IOH = -8mA 2.4 2.5 V VCC = 3.0V; IOH = -32mA 2.0 2.3 VCC = 2.7V; IOL = 100µA 0.07 0.2 VCC = 2.7V; IOL = 24mA 0.3 0.5 VOL Low-level output voltage VCC = 3.0V; IOL = 16mA 0.25 0.4 V VCC = 3.0V; IOL = 32mA 0.3 0.5 VCC = 3.0V; IOL = 64mA 0.4 0.55 VCC = 3.6V; VI = VCC or GND Control pins 0.1 ±1.0 I Input leakage current VCC = 0 or 3.6V; VI = 5.5V 0.4 10 µA II Input leakage current VCC = 3.6V; VI = VCC Data pins4 0.1 1 µA VCC = 3.6V; VI = 0 Data pins4 -0.4 -5 IOFF Output off current VCC = 0V; VI or VO = 0 to 4.5V 0.1 ±100 µA 6 VCC = 3V; VI = 0.8V 75 135 IHOLD Bus Hold current A inputs6 VCC = 3V; VI = 2.0V -75 -135 µA VCC = 0V to 3.6V; VCC = 3.6V ±500 IEX Current into an output in the High state when VO > VCC VO = 5.5V; VCC = 3.0V 50 125 µA IPU/PD Power up/down 3-State output current3 VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC OE/OE = Don’t care 1 ±100 µA IOZH 3-State output High current VCC = 3.6V; VO = 3.0V; VI = VIL or VIH 0.5 5 µA IOZL 3-State output Low current VCC = 3.6V; VO = 0.5V; VI = VIL or VIH 0.5 -5 µA ICCH VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 0.07 0.12 ICCL Quiescent supply current VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 4.0 6.0 mA ICCZ VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05 0.07 0.12 ∆ICC Additional supply current per input pin2 VCC = 3V to 3.6V; One input at VCC-0.6V, Other inputs at VCC or GND 0.1 0.2 mA NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25°C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a transition time of 100 µsec is permitted. This parameter is valid for Tamb = 25°C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled to VCC or GND. 6. This is the bus hold overdrive current required to force the input to the opposite logic state. AC CHARACTERISTICS GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = -40°C to +85°C. LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V ±0.3V VCC = 2.7V UNIT MIN TYP1 MAX MAX tPLH tPHL Propagation delay nAx to nYx 1 0.5 0.5 1.8 1.7 3.2 3.2 4.0 4.0 ns tPZH tPZL Output enable time to High and Low level 2 1.0 1.0 2.3 2.1 4.0 4.0 5.0 5.3 ns tPHZ tPLZ Output disable time from High and Low Level 2 1.0 1.0 3.2 2.9 4.5 4.0 5.0 4.4 ns NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25°C. |
Numéro de pièce similaire - 74LVT16244BDL |
|
Description similaire - 74LVT16244BDL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |