Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11822 Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LB11822
Description  Three-Phase Brushless Motor Driver for OA Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11822 Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11822 Datasheet HTML 3Page - Sanyo Semicon Device LB11822 Datasheet HTML 4Page - Sanyo Semicon Device LB11822 Datasheet HTML 5Page - Sanyo Semicon Device LB11822 Datasheet HTML 6Page - Sanyo Semicon Device LB11822 Datasheet HTML 7Page - Sanyo Semicon Device LB11822 Datasheet HTML 8Page - Sanyo Semicon Device LB11822 Datasheet HTML 9Page - Sanyo Semicon Device LB11822 Datasheet HTML 10Page - Sanyo Semicon Device LB11822 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
No. 7105-10/11
LB11822
4. Power save circuit
This IC enters the power save condition to decrease the current dissipation in the stop mode. In this condition, the bias
current of most of circuits is cut off. Even in the power save condition, the 5 V regulator output is given.
5. Reference clock
This is entered from the external signal source (1 MHz max) via a resistor (reference: about 5.1 k
Ω) in series with the
XI pin. The XO pin is left open.
Input signal source levels:
Low-level voltage: 0 to 0.8 V
High-level voltage: 2.5 to 5.0 V
6. Speed lock range
The speed lock range is ±6.25% of the constant speed. If the motor speed falls inside the lock range, the LD pin goes
to “L” (open collector output). When the motor speed falls outside the lock range, the on-duty ratio of motor drive
output changes according to the speed error, causing control to keep the motor speed within the lock range.
7. PWM frequency
PWM frequency is determined from the capacity C (F) of capacitor connected to the PWM pin.
fPWM ≈ 1/(14,400 × C)
It is recommended to keep the PWM frequency at 15 kHz to 25 kHz
8. Hall input signal
The Hall input requires the signal input with an amplitude exceeding the hysteresis width (42 mV max). Considering
the effect of noise, the input with the amplitude of 100 mV or more is recommended.
9. F/R changeover
Motor rotation direction can be changed over with the F/R pin. When changing F/R while the motor is running, pay
attention to following points.
For the through current at a time of changeover, the countermeasure is taken using a circuit. However, it is
necessary to prevent exceeding of the rated voltage (30 V) due to rise of VCC voltage at a time of changeover
(because the motor current returns instantaneously to the power supply). When this problem exists, increase the
capacity of a capacitor between VCC and GND.
When the motor current exceeds the current limit value after changeover, the lower-side Tr is turned OFF. But, the
upper-side Tr enters the short-brake condition and the current determined from the motor counter electromotive
voltage and coil resistance flows. It is necessary to prevent this current from exceeding the rated current (3.1 A).
(F/R changeover at high speed is dangerous.)
10. Motor lock protection circuit
A motor lock protection circuit is incorporated for protection of IC and motor when the motor is locked.
When the LD output is “H” (unlocked) for a certain period in the start condition, the lower-side Tr is turned OFF. This
time is set with the capacity of the capacitor connected to the CSD pin. The time can be set to about 3.3 seconds with
the capacity of 10 µF (variance about ±30%).
Set time (s)
≈ 0.33 × C (µF)
When the capacitor used has a leak current, due consideration is necessary because it may cause error in the set time,
etc.
Cancelling requires either the stop condition or re-application of power supply (in the stop condition). When the lock
protection circuit is not to be used, connect the CSD pin to GND.
When the stop period during which lock protection is to be cancelled is short, the charge of capacitor cannot be
discharged completely and the lock protection activation time at restart becomes shorter than the set value. It is
necessary to provide the stop time with an allowance while referring to the following equation. (The same applies to
restart in the motor start transient condition.)


Numéro de pièce similaire - LB11822

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
LB11824M SANYO-LB11824M Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
More results

Description similaire - LB11822

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com