Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145170-1 Fiches technique(PDF) 8 Page - Motorola, Inc

No de pièce MC145170-1
Description  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170-1 Fiches technique(HTML) 8 Page - Motorola, Inc

Back Button MC145170-1 Datasheet HTML 4Page - Motorola, Inc MC145170-1 Datasheet HTML 5Page - Motorola, Inc MC145170-1 Datasheet HTML 6Page - Motorola, Inc MC145170-1 Datasheet HTML 7Page - Motorola, Inc MC145170-1 Datasheet HTML 8Page - Motorola, Inc MC145170-1 Datasheet HTML 9Page - Motorola, Inc MC145170-1 Datasheet HTML 10Page - Motorola, Inc MC145170-1 Datasheet HTML 11Page - Motorola, Inc MC145170-1 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MC145170–1
MOTOROLA
8
PIN DESCRIPTIONS
DIGITAL INTERFACE PINS
Din
Serial Data Input (Pin 5)
The bit stream begins with the most significant bit (MSB)
and is shifted in on the low–to–high transition of CLK. The bit
pattern is 1 byte (8 bits) long to access the C or configuration
register, 2 bytes (16 bits) to access the N register, or 3 bytes
(24 bits) to access the R register. Additionally, the R register
can be accessed with a 15–bit transfer (see Table 1). An op-
tional pattern which resets the device is shown in Figure 13.
The values in the C, N, and R registers do not change during
shifting because the transfer of data to the registers is con-
trolled by ENB.
The bit stream needs neither address nor steering bits due
to the innovative BitGrabber registers. Therefore, all bits in
the stream are available to be data for the three registers.
Random access of any register is provided (i.e., the registers
may be accessed in any sequence). Data is retained in the
registers over a supply range of 2.5 to 5.5 V. The formats are
shown in Figures 13, 14, 15, and 16.
Din typically switches near 50% of VDD to maximize noise
immunity. This input can be directly interfaced to CMOS de-
vices with outputs guaranteed to switch near rail–to–rail.
When interfacing to NMOS or TTL devices, either a level
shifter (MC74HC14A, MC14504B) or pull–up resistor of 1 to
10 k
Ω must be used. Parameters to consider when sizing the
resistor are worst–case IOL of the driving device, maximum
tolerable power consumption, and maximum data rate.
Table 1. Register Access
(MSBs are shifted in first, C0, N0, and R0 are the LSBs)
Number
of Clocks
Accessed
Register
Bit
Nomenclature
4 + 5
8
16
15 or 24
Other Values
≤ 32
Values > 32
(Reset)
C Register
N Register
R Register
None
See Figures
24 — 31
C7, C6, C5, . . ., C0
N15, N14, N13, . . ., N0
R14, R13, R12, . . ., R0
CLK
Serial Data Clock Input (Pin 7)
Low–to–high transitions on Clock shift bits available at Din,
while high–to–low transitions shift bits from Dout. The chip’s
16–1/2–stage shift register is static, allowing clock rates
down to dc in a continuous or intermittent mode.
Four clock cycles followed by five clock cycles are needed
to reset the device; this is optional. Eight clock cycles are re-
quired to access the C register. Sixteen clock cycles are
needed for the N register. Either 15 or 24 cycles can be used
to access the R register (see Table 1 and Figures 13, 14, 15,
and 16). For cascaded devices, see Figures 24 — 31.
CLK typically switches near 50% of VDD and has a
Schmitt–triggered input buffer. Slow CLK rise and fall times
are allowed. See the last paragraph of Din for more informa-
tion.
NOTE
To guarantee proper operation of the power–on
reset (POR) circuit, the CLK pin must be held at
the potential of either the VSS or VDD pin during
power up. That is, the CLK input should not be
floated or toggled while the VDD pin is ramping
from 0 to at least 2.5 V. If control of the CLK pin is
not practical during power up, the initialization se-
quence shown in Figure 13 must be used.
ENB
Active–Low Enable Input (Pin 6)
This pin is used to activate the serial interface to allow the
transfer of data to/from the device. When ENB is in an inac-
tive high state, shifting is inhibited, Dout is forced to the high–
impedance state, and the port is held in the initialized state.
To transfer data to the device, ENB (which must start inactive
high) is taken low, a serial transfer is made via Din and CLK,
and ENB is taken back high. The low–to–high transition on
ENB transfers data to the C, N, or R register depending on
the data stream length per Table 1.
NOTE
Transitions on ENB must not be attempted while
CLK is high. This puts the device out of synchro-
nization with the microcontroller. Resynchroniza-
tion occurs when ENB is high and CLK is low.
This input is also Schmitt–triggered and switches near
50% of VDD, thereby minimizing the chance of loading erro-
neous data into the registers. See the last paragraph of Din
for more information.
Dout
Three–State Serial Data Output (Pin 8)
Data is transferred out of the 16–1/2–stage shift register
through Dout on the high–to–low transition of CLK. This out-
put is a No Connect, unless used in one of the manners dis-
cussed below.
Dout could be fed back to an MCU/MPU to perform a wrap–
around test of serial data. This could be part of a system
check conducted at power up to test the integrity of the sys-
tem’s processor, PC board traces, solder joints, etc.
The pin could be monitored at an in–line QA test during
board manufacturing.
Finally, Dout facilitates troubleshooting a system and per-
mits cascading devices.
REFERENCE PINS
OSCin /OSCout
Reference Oscillator Input/Output (Pins 1, 2)
These pins form a reference oscillator when connected to
terminals of an external parallel–resonant crystal. Fre-
quency–setting capacitors of appropriate values as recom-
mended by the crystal supplier are connected from each pin
to ground (up to a maximum of 30 pF each, including stray
capacitance). An external feedback resistor of 1 to 15 M
Ω is
connected directly across the pins to ensure linear operation
of the amplifier. The required connections for the compo-
nents are shown in Figure 9.


Numéro de pièce similaire - MC145170-1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Description similaire - MC145170-1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com