Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8310ARM-REEL7 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8310ARM-REEL7
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM-REEL7 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8310ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD8310ARM-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8310
Rev. D | Page 9 of 24
THEORY OF OPERATION
Logarithmic amplifiers perform a more complex operation than
classical linear amplifiers, and their circuitry is significantly
different. A good grasp of what log amps do and how they do it
can help users avoid many pitfalls in their applications. For a
complete discussion of the theory, see the AD8307 data sheet.
The essential purpose of a log amp is not to amplify (though
amplification is needed internally), but to compress a signal of
wide dynamic range to its decibel equivalent. It is, therefore, a
measurement device. An even better term might be logarithmic
converter, because the function is to convert a signal from one
domain of representation to another via a precise nonlinear
transformation:
⎟⎟
⎜⎜
=
X
IN
Y
OUT
V
V
V
V
log
(1)
where:
VOUT
is the output voltage.
VY
is the slope voltage. The logarithm is usually taken to
base ten, in which case VY is also the volts-per-decade.
VIN
is the input voltage.
VX
is the intercept voltage.
Log amps implicitly require two references (here VX and VY)
that determine the scaling of the circuit. The accuracy of a log
amp cannot be any better than the accuracy of its scaling
references. In the AD8310, these are provided by a band gap
reference.
VOUT
5VY
4VY
3VY
2VY
VY
–2VY
VOUT =0
LOG VIN
VSHIFT
LOWER INTERCEPT
VIN =10–2VX
–40dBc
VIN =102VX
+40dBc
VIN =104VX
+80dBc
VIN =VX
0dBc
Figure 21. General Form of the Logarithmic Function
While Equation 1, plotted in Figure 21, is fundamentally correct,
a different formula is appropriate for specifying the calibration
attributes or demodulating log amps like the AD8310, operating
in RF applications with a sine wave input.
(
)
O
IN
SLOPE
OUT
P
P
V
V
=
(2)
where:
e demodulated and filtered baseband (video or RSSI)
o the
e in RF systems is dB above 1 mW in
50 Ω, a level of 0 dBm. Note that the quantity (P – P ) is dB.
e
o
ps use a cascade of
n as
y
mpression log amps either provide a baseband
he
nal
e
VOUT
is th
output.
VSLOPE
is the logarithmic slope, now expressed in V/dB
(25 mV/dB for the AD8310).
PIN
is the input power, expressed in dB relative to some
reference power level.
PO
is the logarithmic intercept, expressed in dB relative t
same reference level.
A widely used referenc
IN
O
The logarithmic function disappears from the formula, becaus
the conversion has already been implicitly performed in stating
the input in decibels. This is strictly a concession to popular
convention. Log amps manifestly do not respond to power
(tacitly, power absorbed at the input), but rather to input
voltage. The input is specified in dBV (decibels with respect t
1 V rms) throughout this data sheet. This is more precise,
although still incomplete, because the signal waveform is also
involved. Many users specify RF signals in terms of power
(usually in dBm/50 Ω) and this convention is used in this data
sheet when specifying the performance of the AD8310.
PROGRESSIVE COMPRESSION
High speed, high dynamic-range log am
nonlinear amplifier cells to generate the logarithmic functio
a series of contiguous segments, a type of piecewise linear
technique. The AD8310 employs six cells in its main signal path,
each having a small-signal gain of 14.3 dB (×5.2) and a −3 dB
bandwidth of about 900 MHz. The overall gain is about 20,000
(86 dB) and the overall bandwidth of the chain is approximatel
500 MHz, resulting in a gain-bandwidth product (GBW) of
10,000 GHz, about a million times that of a typical op amp. This
very high GBW is essential to accurate operation under small-
signal conditions and at high frequencies. The AD8310 exhibits
a logarithmic response down to inputs as small as 40 µV
at 440 MHz.
Progressive co
video response or accept an RF input and demodulate this
signal to develop an output that is essentially the envelope of t
input represented on a logarithmic or decibel scale. The
AD8310 is the latter kind. Demodulation is performed in a total
of nine detector cells. Six are associated with the amplifier
stages, and three are passive detectors that receive a progres-
sively attenuated fraction of the full input. The maximum sig
frequency can be 440 MHz, but, because all the gain stages ar
dc-coupled, operation at very low frequencies is possible.


Numéro de pièce similaire - AD8310ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8310ARM-REEL7 AD-AD8310ARM-REEL7 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
More results

Description similaire - AD8310ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com