Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-C517-N0001 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-C517-N0001
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C517-N0001 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-C517-N0001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-C517-N0001 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage (non-resistor lamp).
Figure 3. Relative luminous intensity vs. forward current.
ORANGE
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
500
550
600
650
700
750
YELLOW
EMERALD GREEN
HIGH
PERFORMANCE
GREEN
TA = 25° C
TS AlGaAs RED
DH As AlGaAs RED
1.0
3.5
300.0
5.0
0.1
VF – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
10.0
2.0
1.0
0.2
0.5
0
0.5
20.0
50.0
100.0
200.0
DH As AlGaAs RED
TS AlGaAs RED
0
100
80
60
40
20
2.0
4.0
3.0
1.0
VF – FORWARD VOLTAGE – V
0
5.0
YELLOW
HIGH EFFICIENCY RED, ORANGE,
YELLOW, AND HIGH PERFORMANCE
GREEN, EMERALD GREEN
HIGH
EFFICIENCY
RED/ORANGE
HIGH
PERFORMANCE
GREEN,
EMERALD GREEN
0.1
0.01
IF – DC FORWARD CURRENT – mA
15
5.0
0.2
0.05
0.2
2
50
1.0
10
0.02
0.1
0.5
2.0
0.5
20 30
DH As AlGaAs RED
TS AlGaAs RED
0
0
IDC – DC CURRENT PER LED – mA
10
20
1.6
0.8
0.4
515
30
1.2
25
0.2
0.6
1.0
1.4
HER, ORANGE, YELLOW, AND HIGH
PERFORMANCE GREEN, EMERALD GREEN


Numéro de pièce similaire - HLMP-C517-N0001

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C517 HP-HLMP-C517 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
More results

Description similaire - HLMP-C517-N0001

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com