Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2244ADB Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC2244ADB
Description  Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2244ADB Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2244ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 9Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 10Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 11Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 12Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 13Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 14Page - NXP Semiconductors 74LVC2244ADB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Sep 30
11
Philips Semiconductors
Product specification
Octal buffer/line driver with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC2244A
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1.0
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153AC
93-06-16
95-02-04
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.10


Numéro de pièce similaire - 74LVC2244ADB

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC2244AD NEXPERIA-74LVC2244AD Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
More results

Description similaire - 74LVC2244ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
   Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
   Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com