Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC16244 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74LVC16244
Description  16-bit buffer/line driver; 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC16244 Datasheet HTML 2Page - NXP Semiconductors 74LVC16244 Datasheet HTML 3Page - NXP Semiconductors 74LVC16244 Datasheet HTML 4Page - NXP Semiconductors 74LVC16244 Datasheet HTML 5Page - NXP Semiconductors 74LVC16244 Datasheet HTML 6Page - NXP Semiconductors 74LVC16244 Datasheet HTML 7Page - NXP Semiconductors 74LVC16244 Datasheet HTML 8Page - NXP Semiconductors 74LVC16244 Datasheet HTML 9Page - NXP Semiconductors 74LVC16244 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2003 Dec 08
10
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω.
Notes
1. All typical values are measured at Tamb =25 °C.
2. These typical values are measured at VCC = 3.3 V and Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note1
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
11.0
ns
2.7
1.0
4.7
ns
3.0 to 3.6
1.1
3.0(2)
4.1
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
15.0
ns
2.7
1.0
5.8
ns
3.0 to 3.6
1.0
3.5(2)
4.6
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
10.0
ns
2.7
1.0
6.2
ns
3.0 to 3.6
1.8
3.7(2)
5.2
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
−−−
ns
2.7
1.0
6.0
ns
3.0 to 3.6
1.1
5.5
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
7.5
ns
3.0 to 3.6
1.0
6.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
8.0
ns
3.0 to 3.6
1.8
6.5
ns


Numéro de pièce similaire - 74LVC16244

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results

Description similaire - 74LVC16244

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com