Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPH3123 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce CPH3123
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3123 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  CPH3123 Datasheet HTML 1Page - Sanyo Semicon Device CPH3123 Datasheet HTML 2Page - Sanyo Semicon Device CPH3123 Datasheet HTML 3Page - Sanyo Semicon Device CPH3123 Datasheet HTML 4Page - Sanyo Semicon Device CPH3123 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CPH3123 / CPH3223
No.7221-4/5
0.01
23
5
7 0.1
23
5
7 1.0
23
5
10
2
3
5
7
100
2
3
5
7
3
5
7
1.0
2
3
0.01
23
5
7 0.1
23
5
7 1.0
23
5
7 10
Ta= --25°C
75°C
3
5
7
--1.0
2
3
VBE(sat) -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
7 --10
VBE(sat) -- IC
IT04578
IT04579
Ta= --25°
C
75°C
--10
2
--100
2
3
5
7
--1000
3
5
7
2
3
5
7
VCE(sat) -- IC
--0.01
23
5
7 --0.1
23
5
7 --1.0
23
5
7 --10
VCE(sat) -- IC
CPH3123
IC / IB=50
CPH3123
IC / IB=50
CPH3223
IC / IB=50
CPH3223
IC / IB=50
IT04576
IT04577
Ta=75
°C
--25
°C
25°
C
Ta=75
°C
--25
°C
25
°C
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
2
3
5
7
1.0
2
3
5
7
2
3
5
7
10
A S O
0.1
23
5
7 1.0
23
5
7 10
23
5
7 100
Collector-to-Emitter Voltage, VCE -- V
PC -- Ta
Ambient Temperature, Ta --
°C
IT04580
IT04581
25°C
25°C
CPH3123 / CPH3223
Ta=25
°C
Single pulse
For PNP, minus sign is omitted.
Mounted on a ceramic board (600mm2!0.8mm)
<50
µs
500
µ
s
10ms
100ms
1ms
DC
operation
ICP=6A
IC=3A
CPH3123 / CPH3223
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A


Numéro de pièce similaire - CPH3123

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CPH3123-TL-E ONSEMI-CPH3123-TL-E Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
More results

Description similaire - CPH3123

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com