Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40007DGQ Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40007DGQ
Description  LOW-INPUT HIGH-EFFICIEDCY SYNCHRONOUS BUCK CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40007DGQ Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40007DGQ Datasheet HTML 7Page - Texas Instruments TPS40007DGQ Datasheet HTML 8Page - Texas Instruments TPS40007DGQ Datasheet HTML 9Page - Texas Instruments TPS40007DGQ Datasheet HTML 10Page - Texas Instruments TPS40007DGQ Datasheet HTML 11Page - Texas Instruments TPS40007DGQ Datasheet HTML 12Page - Texas Instruments TPS40007DGQ Datasheet HTML 13Page - Texas Instruments TPS40007DGQ Datasheet HTML 14Page - Texas Instruments TPS40007DGQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS40007
TPS40009
SLUS589B− NOVEMBER 2003 − REVISED FEBRUARY 2005
11
www.ti.com
APPLICATION INFORMATION
SETTING THE CURRENT LIMIT
Connecting a resistor from VDD to ILIM sets the current limit. A 15-
µA current sink internal to the device causes
a voltage drop at ILIM that becomes the short circuit threshold. Ensure that (VDD−0.8 V) ≤ VILIM ≤ VDD. The
tolerance of the current sink is too loose to do an accurate current limit. The main purpose is for hard fault
protection of the power switches. Given the tolerance of the ILIM sink current, and the RDS(on) range for a
MOSFET, it is generally possible to apply a load that thermally damages the converter. This device is intended
for embedded converters where load characteristics are defined and can be controlled.
A local capacitor (with a value 50 pF to 150 pF) placed across the resistor between VDD and ILIM may improve
coupling a common mode noise between VDD and ILIM.
SOFT-START AND SHUTDOWN
These two functions are combined on the SS/SD pin. There is a VBE offset (0.65-V) between the external SS/SD
pin and internal soft-start voltage at the error amplifier input, allowing the device to be enabled before starting
VOUT as shown in Figure 5. This reduces the transient current required to charge the output capacitor at startup,
and allows for a smooth startup with no overshoot of the output voltage.
t − Time − 1 ms/div
FB
(200 mV/ div)
SS/SD
(200 mV/ div)
Figure 5. Offset Between SS/SD and FB at Startup


Numéro de pièce similaire - TPS40007DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40007DGQ TI1-TPS40007DGQ Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQG4 TI1-TPS40007DGQG4 Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQR TI1-TPS40007DGQR Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
TPS40007DGQRG4 TI1-TPS40007DGQRG4 Datasheet
858Kb / 28P
[Old version datasheet]   LOW-INPUT HIGH-EFFICIENCY SYNCHRNOUS BUCK CONTROLLER
More results

Description similaire - TPS40007DGQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
   Input range synchronous buck controller
logo
Texas Instruments
TPS40051PWPG4 TI1-TPS40051PWPG4 Datasheet
800Kb / 37P
[Old version datasheet]   IDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com