Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH162244ADGG Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74LVCH162244ADGG
Description  16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH162244ADGG Fiches technique(HTML) 1 Page - NXP Semiconductors

  74LVCH162244ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Feb 17
2003 Dec 12
INTEGRATED CIRCUITS
74LVC162244A; 74LVCH162244A
16-bit buffer/line driver, 30
Ω series
termination resistors; 5 V tolerant
input/output; 3-state


Numéro de pièce similaire - 74LVCH162244ADGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
logo
Nexperia B.V. All right...
74LVCH162244ADGG NEXPERIA-74LVCH162244ADGG Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results

Description similaire - 74LVCH162244ADGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com