Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH162374A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVCH162374A
Description  16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH162374A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVCH162374A Datasheet HTML 7Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 8Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 9Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 10Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 11Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 12Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 13Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 14Page - NXP Semiconductors 74LVCH162374A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Aug 05
11
Philips Semiconductors
Product specification
16-bit edge triggered D-type flip-flop with 30
Ω series
termination resistors; 5 V input/output tolerant; 3-state
74LVC162374A;
74LVCH162374A
PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
16.00
15.75
7.6
7.4
0.635
1.4
0.25
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT370-1
93-11-02
95-02-04
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
48
25
MO-118AA
24
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
A
max.
2.8


Numéro de pièce similaire - 74LVCH162374A

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVCH162374A NEXPERIA-74LVCH162374A Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
74LVCH162374ADGG NEXPERIA-74LVCH162374ADGG Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
logo
Integrated Device Techn...
74LVCH162374APAG IDT-74LVCH162374APAG Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP
logo
Renesas Technology Corp
74LVCH162374APAG RENESAS-74LVCH162374APAG Datasheet
262Kb / 7P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
JANUARY 2015
logo
Integrated Device Techn...
74LVCH162374APAG8 IDT-74LVCH162374APAG8 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIPFLOP
More results

Description similaire - 74LVCH162374A

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVCH162374A NEXPERIA-74LVCH162374A Datasheet
244Kb / 14P
   16-bit edge-triggered D-type flip-flop with 30 Ω series termination resistors; 5 V input/output tolerant; 3-state
Rev. 5 - 20 April 2021
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com