Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC157AD Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74LVC157AD Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 17 page 2003 Dec 02 11 Philips Semiconductors Product specification Quad 2-input multiplexer 74LVC157A handbook, full pagewidth open GND 50 pF 2 × VCC VCC VI VO MNA368 D.U.T. CL RT RL 500 Ω RL 500 Ω PULSE GENERATOR S1 Fig.9 Load circuitry for switching times. Definitions for test circuits: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. Note 1. The circuit performs better when RL = 1000 Ω. VCC VI CL RL VEXT tPLH/tPHL tPZH/tPHZ tPZL/tPLZ 1.2 V VCC 50 pF 500 Ω(1) open GND 2 × VCC 2.7 V 2.7 V 50 pF 500 Ω open GND 2 × VCC 3.0 to 3.6 V 2.7 V 50 pF 500 Ω open GND 2 × VCC |
Numéro de pièce similaire - 74LVC157AD |
|
Description similaire - 74LVC157AD |