Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3865LTR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC3865LTR
Description  Resonant-Mode Power Supply Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC3865LTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC3865LTR Datasheet HTML 1Page - Texas Instruments UC3865LTR Datasheet HTML 2Page - Texas Instruments UC3865LTR Datasheet HTML 3Page - Texas Instruments UC3865LTR Datasheet HTML 4Page - Texas Instruments UC3865LTR Datasheet HTML 5Page - Texas Instruments UC3865LTR Datasheet HTML 6Page - Texas Instruments UC3865LTR Datasheet HTML 7Page - Texas Instruments UC3865LTR Datasheet HTML 8Page - Texas Instruments UC3865LTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UC1861-1868
UC2861-2868
UC3861-3868
SLUS289 - OCTOBER 1998
FEATURES
• Controls Zero Current Switched (ZCS)
or Zero Voltage Switched (ZVS)
Quasi-Resonant Converters
• Zero-Crossing Terminated One-Shot
Timer
• Precision 1%, Soft-Started 5V
Reference
• Programmable Restart Delay
Following Fault
• Voltage-Controlled Oscillator (VCO)
with Programmable Minimum and
Maximum Frequencies from 10kHz to
1MHz
• Low Start-Up Current (150µA typical)
• Dual 1 Amp Peak FET Drivers
• UVLO Option for Off-Line or DC/DC
Applications
DESCRIPTION
The UC1861-1868 family of ICs is optimized for the control of Zero Current
Switched and Zero Voltage Switched quasi-resonant converters. Differ-
ences between members of this device family result from the various com-
binations of UVLO thresholds and output options. Additionally, the
one-shot pulse steering logic is configured to program either on-time for
ZCS systems (UC1865-1868), or off-time for ZVS applications (UC1861-
1864).
The primary control blocks implemented include an error amplifier to com-
pensate the overall system loop and to drive a voltage controlled oscillator
(VCO), featuring programmable minimum and maximum frequencies. Trig-
gered by the VCO, the one-shot generates pulses of a programmed maxi-
mum width, which can be modulated by the Zero Detection comparator.
This circuit facilitates “true” zero current or voltage switching over various
line, load, and temperature changes, and is also able to accommodate the
resonant components' initial tolerances.
Under-Voltage Lockout is incorporated to facilitate safe starts upon
power-up. The supply current during the under-voltage lockout period is
typically less than 150
µA, and the outputs are actively forced to the low
state.
(continued)
BLOCK DIAGRAM
Resonant-Mode Power Supply Controllers
UDG-92018
Pin numbers refer to the J and N packages.
application
INFO
available
Device
1861
1862
1863
1864
1865
1866
1867
1868
UVLO
16.5/10.5
16.5/10.5
36014
36014
16.5/10.5
16.5/10.5
36014
36014
Outputs
Alternating
Parallel
Alternating
Parallel
Alternating
Parallel
Alternating
Parallel
“Fixed”
Off Time
Off Time
Off Time
Off Time
On Time
On Time
On Time
On Time


Numéro de pièce similaire - UC3865LTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3865 TI1-UC3865 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3865DW TI1-UC3865DW Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3865DW TI1-UC3865DW Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3865DWG4 TI1-UC3865DWG4 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC3865N TI1-UC3865N Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results

Description similaire - UC3865LTR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3860N TI-UC3860N Datasheet
548Kb / 10P
[Old version datasheet]   Resonant Mode Power Supply Controller
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com