Moteur de recherche de fiches techniques de composants électroniques |
|
UC2863LTR Fiches technique(PDF) 4 Page - Texas Instruments |
|
UC2863LTR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 9 page 4 UC1861-1868 UC2861-2868 UC3861-3868 ELECTRICAL CHARACTERISTICS Unless otherwise stated, all specifications apply for –55 °C≤TA≤125°C for the UC186x, –25 °C≤TA≤85°C for the UC286x, and 0°C≤TA≤70°C for the UC386x, VCC=12V, CVCO=1nF, Range=7.15k, RMIN=86.6k, C=200pF, R=4.02k, and Csr=0.1 µF. TA=TJ. PARAMETER TEST CONDITIONS MIN TYP MAX UNITS UVLO Vcc Turn-on Threshold UCx861, UCx862, UCx865, UCx866 15 16.5 18 V UCx863, UCx864, UCx867, UCx868 7 8.0 9 V Vcc Turn-off Threshold UCx861, UCx862, UCx865, UCx866 9.5 10.5 11.5 V UCx863, UCx864, UCx867, UCx868 6 7.0 8 V Icc Start VCC =VCC(on) – 0.3V 150 300 µA Icc Run VID = 100mV 25 32 mA Note 1: Currents are defined as positive into the pin. Note 2: Pulse measurement techniques are used to insure that TJ = TA. Note 3: VID = V(NI) – V(INV). Note 4: This parameter is not 100% tested in production but guaranteed by design. Note 5: Vi = 0 to 4V tr(Vi) 10ns tpd = t(Vo = 6V) – t(Vi = 3V) UVLO & 5V GENERATOR (See Figure 1): When power is applied to the chip and Vcc is less than the upper UVLO threshold, Icc will be less than 300 µA, the 5V gen- erator will be off, and the outputs will be actively held low. When Vcc exceeds the upper UVLO threshold, the 5V generator turns on. Until the 5V pin exceeds 4.9V, the outputs will still remain low. The 5V pin should be bypassed to signal ground with a 0.1 µF capacitor. The capacitor should have low equiva- lent series resistance and inductance. FAULT AND SOFT-REFERENCE (See Figure 1): The Soft-Ref pin serves three functions: system reference, re- start delay, and soft-start. Designed to source or sink 200 µA, this pin should be used as the input reference for the error amplifier circuit. This pin requires a bypass ca- pacitor of at least 0.1 µF. This yields a minimum soft-start time of 1ms. Under-Voltage Lockout sets both the fault and restart de- lay latches. This holds the outputs low and discharges the Soft-Ref pin. After UVLO, the fault latch is reset by the low voltage on the Soft-Ref pin. The reset fault latch re- sets the delay latch and Soft-Ref charges via the 0.5mA current source. The fault pin is input to a high speed comparator with a threshold of 3V. In the event of a detected fault, the fault latch is set and the outputs are driven low. If Soft-Ref is above 4V, the delay latch is set. Restart delay is timed as Soft-Ref is discharged by 20 µA. When Soft-Ref is fully discharged, the fault latch is reset if the fault input signal is low. The Fault pin can be used as a system shutdown pin. If a fault is detected during soft-start, the fault latch is set and the outputs are driven low. The delay latch will re- main reset until Soft-Ref charges to 4V. This sets the de- lay latch, and restart delay is timed. Note that restart delay for a single fault event is longer than for recurring faults since Soft-Ref must be discharged from 5V instead of 4V. The restart delay to soft-start time ratio is 24:1 for a fault occurring during normal operation and 19:1 for faults oc- curring during soft-start. Shorter ratios can be pro- grammed down to a limit of approximately 3:1 by the addition of a 20k Ω or larger resistor from Soft-Ref to ground. A 100k Ω resistor from Soft-Ref to 5V will have the effect of permanent shut down after a fault since the internal 20 µA current source can't pull Soft-Ref low. This feature can be used to require recycling Vcc after a fault. Care must be taken to insure Soft-Ref is indeed low at start up, or the fault latch will never be reset. APPLICATION INFORMATION |
Numéro de pièce similaire - UC2863LTR |
|
Description similaire - UC2863LTR |