Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV595DB Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LV595DB
Description  8-bit serial-in/serial or parallel-out shift register with output latches 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595DB Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LV595DB Datasheet HTML 1Page - NXP Semiconductors 74LV595DB Datasheet HTML 2Page - NXP Semiconductors 74LV595DB Datasheet HTML 3Page - NXP Semiconductors 74LV595DB Datasheet HTML 4Page - NXP Semiconductors 74LV595DB Datasheet HTML 5Page - NXP Semiconductors 74LV595DB Datasheet HTML 6Page - NXP Semiconductors 74LV595DB Datasheet HTML 7Page - NXP Semiconductors 74LV595DB Datasheet HTML 8Page - NXP Semiconductors 74LV595DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
74LV595
8-bit serial-in/serial or parallel-out shift register
with output latches (3-State)
1998 Apr 20
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
15, 1, 2, 3,
4, 5, 6, 7
Q0 to Q7
Parallel data output
8
GND
Ground (0V)
9
Q7’
Serial data output
10
MR
Master reset (active LOW)
11
SHCP
Shift register clock input
12
STCP
Storage register clock input
13
OE
Output enable input (active LOW)
14
DS
Serial data input
16
VCC
Positive supply voltage
PIN CONFIGURATION
SV00720
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
GND
VCC
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q0
DS
OE
STCP
SHCP
MR
Q7’
FUNCTION TABLE
INPUTS
OUTPUTS
FUNCTION
SHCP
STCP
OE
MR
DS
Q7’
Qn
FUNCTION
X
X
L
L
X
L
NC
A LOW level on MR only affects the shift registers
X
°
L
L
X
L
L
Empty shift register loaded into storage register
X
X
H
L
X
L
Z
Shift register clear. Parallel outputs in high-impedance OFF-states
°
X
L
H
H
Q6’
NC
Logic high level shifted into shift register stage 0. Contents of all shift
register stages shifted through, e.g. previous state of stage 6 (internal
Q6’) appears on the serial output (Q7’)
X
°
L
H
X
NC
Qn’
Contents of shift register stages (internal Qn’) are transferred to the
storage register and parallel output stages
°
°
L
H
X
Q6’
Qn’
Contents of shift register shifted through. Previous contents of the shift
register are transferred to the storage register and the parallel output
stages
H = HIGH voltage level
L
= LOW voltage level
X = Don’t care
Z = High impedance OFF-state
NC= No change
° = LOW-to-HIGH clock transition
↓ = HIGH-to-LOW transition


Numéro de pièce similaire - 74LV595DB

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LV595D NEXPERIA-74LV595D Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results

Description similaire - 74LV595DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com