Moteur de recherche de fiches techniques de composants électroniques |
|
UC2865DW Fiches technique(PDF) 1 Page - Texas Instruments |
|
UC2865DW Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 9 page UC1861-1868 UC2861-2868 UC3861-3868 SLUS289 - OCTOBER 1998 FEATURES • Controls Zero Current Switched (ZCS) or Zero Voltage Switched (ZVS) Quasi-Resonant Converters • Zero-Crossing Terminated One-Shot Timer • Precision 1%, Soft-Started 5V Reference • Programmable Restart Delay Following Fault • Voltage-Controlled Oscillator (VCO) with Programmable Minimum and Maximum Frequencies from 10kHz to 1MHz • Low Start-Up Current (150µA typical) • Dual 1 Amp Peak FET Drivers • UVLO Option for Off-Line or DC/DC Applications DESCRIPTION The UC1861-1868 family of ICs is optimized for the control of Zero Current Switched and Zero Voltage Switched quasi-resonant converters. Differ- ences between members of this device family result from the various com- binations of UVLO thresholds and output options. Additionally, the one-shot pulse steering logic is configured to program either on-time for ZCS systems (UC1865-1868), or off-time for ZVS applications (UC1861- 1864). The primary control blocks implemented include an error amplifier to com- pensate the overall system loop and to drive a voltage controlled oscillator (VCO), featuring programmable minimum and maximum frequencies. Trig- gered by the VCO, the one-shot generates pulses of a programmed maxi- mum width, which can be modulated by the Zero Detection comparator. This circuit facilitates “true” zero current or voltage switching over various line, load, and temperature changes, and is also able to accommodate the resonant components' initial tolerances. Under-Voltage Lockout is incorporated to facilitate safe starts upon power-up. The supply current during the under-voltage lockout period is typically less than 150 µA, and the outputs are actively forced to the low state. (continued) BLOCK DIAGRAM Resonant-Mode Power Supply Controllers UDG-92018 Pin numbers refer to the J and N packages. application INFO available Device 1861 1862 1863 1864 1865 1866 1867 1868 UVLO 16.5/10.5 16.5/10.5 36014 36014 16.5/10.5 16.5/10.5 36014 36014 Outputs Alternating Parallel Alternating Parallel Alternating Parallel Alternating Parallel “Fixed” Off Time Off Time Off Time Off Time On Time On Time On Time On Time |
Numéro de pièce similaire - UC2865DW |
|
Description similaire - UC2865DW |