Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2866N Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC2866N
Description  Resonant-Mode Power Supply Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2866N Fiches technique(HTML) 7 Page - Texas Instruments

  UC2866N Datasheet HTML 1Page - Texas Instruments UC2866N Datasheet HTML 2Page - Texas Instruments UC2866N Datasheet HTML 3Page - Texas Instruments UC2866N Datasheet HTML 4Page - Texas Instruments UC2866N Datasheet HTML 5Page - Texas Instruments UC2866N Datasheet HTML 6Page - Texas Instruments UC2866N Datasheet HTML 7Page - Texas Instruments UC2866N Datasheet HTML 8Page - Texas Instruments UC2866N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
UC1861-1868
UC2861-2868
UC3861-3868
Minimum oscillator frequency is set by Rmin and Cvco.
The minimum frequency is approximately given by the
equation:
F
RC
MIN
MIN
VCO
43
.
Maximum oscillator frequency is set by Rmin, Range &
Cvco. The maximum frequency is approximately given by
the equation:
F
R
Range
C
MAX
MIN
VCO
33
.
(/ /
)
The Error Amplifier directly controls the oscillator fre-
quency. E/A output low corresponds to minimum fre-
quency and output high corresponds to maximum
frequency. At the end of each oscillator cycle, the RC pin
is discharged to one diode drop above ground. At the be-
ginning of the oscillator cycle, V(RC) is less than Vth1
and so the output of the zero detect comparator is ig-
nored. After V(RC) exceeds Vth1, the one shot pulse will
be terminated as soon as the zero pin falls below 0.5V or
V(RC) exceeds Vth2. The minimum one shot pulse width
is approximately given by the equation:
Tpw(min)
0.3
R
C.
The maximum pulse width is approximately given by:
Tpw(max)
1.2
RC.
APPLICATION INFORMATION
The steering logic is configured on the UC1861,63 to result in
dual non-overlapping square waves at outputs A & B. This is
suited to drive dual switch ZVS systems.
STEERING LOGIC
UDG-92013
The steering logic is configured on the UC1862,64 to result in
inverted pulse trains occurring identically at both output pins.
This is suited to drive single switch ZVS systems. Both outputs
are available to drive the same MOSFET gate. It is advisable to
join the pins with 0.5 ohm resistors.
UDG-92014
The steering logic is configured on the UC1865,67 to result in
alternating pulse trains at outputs A & B. This is suited to drive
dual switch ZCS systems.
UDG-92015
The steering logic is configured on the UC1866,68 to result in
non-inverted pulse trains occurring identically at both output
pins. This is suited to drive single switch ZCS systems. Both
outputs are available to drive the same MOSFET gate. It is ad-
visable to join the pins with 0.5 ohm resistors.
UDG-92016


Numéro de pièce similaire - UC2866N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2866N TI1-UC2866N Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC2866NG4 TI1-UC2866NG4 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results

Description similaire - UC2866N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3860N TI-UC3860N Datasheet
548Kb / 10P
[Old version datasheet]   Resonant Mode Power Supply Controller
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com