Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2866N Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce UC2866N
Description  Resonant-Mode Power Supply Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2866N Fiches technique(HTML) 4 Page - Texas Instruments

  UC2866N Datasheet HTML 1Page - Texas Instruments UC2866N Datasheet HTML 2Page - Texas Instruments UC2866N Datasheet HTML 3Page - Texas Instruments UC2866N Datasheet HTML 4Page - Texas Instruments UC2866N Datasheet HTML 5Page - Texas Instruments UC2866N Datasheet HTML 6Page - Texas Instruments UC2866N Datasheet HTML 7Page - Texas Instruments UC2866N Datasheet HTML 8Page - Texas Instruments UC2866N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UC1861-1868
UC2861-2868
UC3861-3868
ELECTRICAL CHARACTERISTICS Unless otherwise stated, all specifications apply for –55
°C≤TA≤125°C for the
UC186x, –25
°C≤TA≤85°C for the UC286x, and 0°C≤TA≤70°C for the UC386x, VCC=12V, CVCO=1nF, Range=7.15k, RMIN=86.6k,
C=200pF, R=4.02k, and Csr=0.1
µF. TA=TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UVLO
Vcc Turn-on Threshold
UCx861, UCx862, UCx865, UCx866
15
16.5
18
V
UCx863, UCx864, UCx867, UCx868
7
8.0
9
V
Vcc Turn-off Threshold
UCx861, UCx862, UCx865, UCx866
9.5
10.5
11.5
V
UCx863, UCx864, UCx867, UCx868
6
7.0
8
V
Icc Start
VCC =VCC(on) – 0.3V
150
300
µA
Icc Run
VID = 100mV
25
32
mA
Note 1: Currents are defined as positive into the pin.
Note 2: Pulse measurement techniques are used to insure that TJ = TA.
Note 3: VID = V(NI) – V(INV).
Note 4: This parameter is not 100% tested in production but guaranteed by design.
Note 5: Vi = 0 to 4V
tr(Vi)
10ns
tpd = t(Vo = 6V) – t(Vi = 3V)
UVLO & 5V GENERATOR (See Figure 1): When power
is applied to the chip and Vcc is less than the upper
UVLO threshold, Icc will be less than 300
µA, the 5V gen-
erator will be off, and the outputs will be actively held low.
When Vcc exceeds the upper UVLO threshold, the 5V
generator turns on. Until the 5V pin exceeds 4.9V, the
outputs will still remain low.
The 5V pin should be bypassed to signal ground with a
0.1
µF capacitor. The capacitor should have low equiva-
lent series resistance and inductance.
FAULT AND SOFT-REFERENCE (See Figure 1): The
Soft-Ref pin serves three functions: system reference, re-
start delay, and soft-start. Designed to source or sink
200
µA, this pin should be used as the input reference for
the error amplifier circuit. This pin requires a bypass ca-
pacitor of at least 0.1
µF. This yields a minimum soft-start
time of 1ms.
Under-Voltage Lockout sets both the fault and restart de-
lay latches.
This holds the outputs low and discharges
the Soft-Ref pin. After UVLO, the fault latch is reset by the
low voltage on the Soft-Ref pin. The reset fault latch re-
sets the delay latch and Soft-Ref charges via the 0.5mA
current source.
The fault pin is input to a high speed comparator with a
threshold of 3V. In the event of a detected fault, the fault
latch is set and the outputs are driven low. If Soft-Ref is
above 4V, the delay latch is set. Restart delay is timed as
Soft-Ref is discharged by 20
µA. When Soft-Ref is fully
discharged, the fault latch is reset if the fault input signal
is low. The Fault pin can be used as a system shutdown
pin.
If a fault is detected during soft-start, the fault latch is set
and the outputs are driven low. The delay latch will re-
main reset until Soft-Ref charges to 4V. This sets the de-
lay latch, and restart delay is timed. Note that restart
delay for a single fault event is longer than for recurring
faults since Soft-Ref must be discharged from 5V instead
of 4V.
The restart delay to soft-start time ratio is 24:1 for a fault
occurring during normal operation and 19:1 for faults oc-
curring during soft-start. Shorter ratios can be pro-
grammed down to a limit of approximately 3:1 by the
addition of a 20k
Ω or larger resistor from Soft-Ref to
ground.
A 100k
Ω resistor from Soft-Ref to 5V will have the effect
of permanent shut down after a fault since the internal
20
µA current source can't pull Soft-Ref low. This feature
can be used to require recycling Vcc after a fault. Care
must be taken to insure Soft-Ref is indeed low at start up,
or the fault latch will never be reset.
APPLICATION INFORMATION


Numéro de pièce similaire - UC2866N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2866N TI1-UC2866N Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC2866NG4 TI1-UC2866NG4 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results

Description similaire - UC2866N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
UC3860N TI-UC3860N Datasheet
548Kb / 10P
[Old version datasheet]   Resonant Mode Power Supply Controller
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com